Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ112 Datasheet(PDF) 33 Page - Pico Technology Ltd.

Part # PQ112
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ112 Datasheet(HTML) 33 Page - Pico Technology Ltd.

Back Button PQ112 Datasheet HTML 29Page - Pico Technology Ltd. PQ112 Datasheet HTML 30Page - Pico Technology Ltd. PQ112 Datasheet HTML 31Page - Pico Technology Ltd. PQ112 Datasheet HTML 32Page - Pico Technology Ltd. PQ112 Datasheet HTML 33Page - Pico Technology Ltd. PQ112 Datasheet HTML 34Page - Pico Technology Ltd. PQ112 Datasheet HTML 35Page - Pico Technology Ltd. PQ112 Datasheet HTML 36Page - Pico Technology Ltd. PQ112 Datasheet HTML 37Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Check standard comparison utility
The supplied Touchstone measurement data for a serial-numbered check standard is loaded into the PicoVNA memory trace as a ‘Reference’ measurement.
With a valid, full S-parameter, full-span calibration established and the check standard connected between the test ports, the comparison utility performs a measurement. It then
compares and tabulates, on each frequency point basis, the measurement with the stored ‘Reference’ data. Magnitude and phase difference are tabulated.
The utility combines uncertainties for the instrument and test leads (respective specifications) with measurement uncertainty and stability of the check standard (also supplied).
The difference between reference and measurement is then compared with total uncertainty, giving a result of ‘pass’ (within uncertainty) or ‘fail’ (outside uncertainty).
You can save the comparison dataset for archive or analysis.
This is a very demanding evaluation of an instrument, test leads and the calibration performed, very nearly, to the full specification of the instrument and leads. The test is designed
to identify a weak process, or worn, contaminated or damaged system components that might lead to a compromised measurement. To gain a pass, correct calibration procedure
must be followed including the use of torque wrenches to make the connections at calibration and comparison measurements. The uncertainty data provided attempts to take into
account the expected variability of your measurement setups when mating the check standard with Pico-supplied PC3.5 or SMA port connectors. There is a wide variation in the
quality of commercially available test cables and SMA connectors, and contamination, damage or wear can easily occur. We guarantee that the uncertainty data provided will cover
your test setups only when you use Pico-supplied calibration standards, port adaptors and test leads in new condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com