Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA375 Datasheet(PDF) 21 Page - Pico Technology Ltd.

Part # TA375
Description  Crystal-clear waveform analysis
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA375 Datasheet(HTML) 21 Page - Pico Technology Ltd.

Back Button TA375 Datasheet HTML 13Page - Pico Technology Ltd. TA375 Datasheet HTML 14Page - Pico Technology Ltd. TA375 Datasheet HTML 15Page - Pico Technology Ltd. TA375 Datasheet HTML 16Page - Pico Technology Ltd. TA375 Datasheet HTML 17Page - Pico Technology Ltd. TA375 Datasheet HTML 18Page - Pico Technology Ltd. TA375 Datasheet HTML 19Page - Pico Technology Ltd. TA375 Datasheet HTML 20Page - Pico Technology Ltd. TA375 Datasheet HTML 21Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
@picotechnologyltd
Pico Technology
Pico Technology
@LifeAtPico
@picotech
www.picotech.com
Errors and omissions excepted.
Pico Technology, PicoScope, PicoLog and PicoSDK are internationally registered trademarks of Pico Technology Ltd.
LabVIEW is a trademark of National Instruments Corporation. Linux is the registered trademark of Linus Torvalds, registered in the U.S. and
other countries. macOS is a trademark of Apple Inc., registered in the U.S. and other countries. MATLAB is a registered trademark of The
MathWorks, Inc. Windows is a registered trademark of Microsoft Corporation in the United States and other countries.
MM116.en-5 Copyright © 2016–2022 Pico Technology Ltd. All rights reserved.
United Kingdom global headquarters
Pico Technology
James House
Colmworth Business Park
St. Neots
Cambridgeshire
PE19 8YP
United Kingdom
www.picotech.com
+44 (0) 1480 396 395
sales@picotech.com
North America regional office
Pico Technology
320 N Glenwood Blvd
Tyler
TX 75702
United States
www.picotech.com
+1 800 591 2796
sales@picotech.com
Asia-Pacific regional office
Pico Technology
Room 2252, 22/F, Centro
568 Hengfeng Road
Zhabei District
Shanghai 200070
PR China
www.picotech.com
+86 21 2226-5152
pico.asia-pacific@picotech.com
Ordering information
Order code Description
PQ288
PicoScope 4224A 2-channel 20 MHz oscilloscope kit with 2 TA375 probes
PQ289
PicoScope 4424A 4-channel 20 MHz oscilloscope kit with 4 TA375 probes
PQ290
PicoScope 4824A 8-channel 20 MHz oscilloscope kit with 4 TA375 probes
Optional accessories
TA375
100 MHz 1:1/10:1 passive switchable probe
TA041
25 MHz 10:1/100:1 active differential probe, ±700 V CAT III
TA057
25 MHz 20:1/200:1 active differential probe, ±1400 V CAT III
TA044
70 MHz 100:1/1000:1 differential probe, ±7000 V
PS008
Optional power supply for TA041 and TA057 probes
TA167
2000 A AC/DC current clamp
PP877
Three-axis accelerometer and oscilloscope interface
PP969
Carry case
Calibration service
Order code Description
CC028
Calibration certificate for the PicoScope 4000A Series oscilloscopes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com