Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA044 Datasheet(PDF) 2 Page - Pico Technology Ltd.

Part # TA044
Description  Crystal-clear waveform analysis
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA044 Datasheet(HTML) 2 Page - Pico Technology Ltd.

  TA044 Datasheet HTML 1Page - Pico Technology Ltd. TA044 Datasheet HTML 2Page - Pico Technology Ltd. TA044 Datasheet HTML 3Page - Pico Technology Ltd. TA044 Datasheet HTML 4Page - Pico Technology Ltd. TA044 Datasheet HTML 5Page - Pico Technology Ltd. TA044 Datasheet HTML 6Page - Pico Technology Ltd. TA044 Datasheet HTML 7Page - Pico Technology Ltd. TA044 Datasheet HTML 8Page - Pico Technology Ltd. TA044 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
PicoScope® 4000A Series
Up to 8 channels of high resolution
With the PicoScope 4000A Series providing a choice of either 2, 4 or 8 high-
resolution analog channels you can easily view audio, ultrasonic, vibration and
power waveforms, analyze timing of complex systems, and perform a wide range
of precision measurement tasks on multiple inputs at the same time. The scopes
have a small, compact footprint, yet the BNC connectors with a minimum 20 mm
spacing still accept all common probes and accessories.
Despite their compact size, there is no compromise on performance. With a high
vertical resolution of 12 bits, 20 MHz bandwidth, 256 MS buffer memory, and a
fast sampling rate of 80 MS/s, the PicoScope 4000A Series has the power and
functionality to deliver accurate results. With up to 8 channels, these oscilloscopes
can analyze multiple serial buses such as UART, I2C, SPI, CAN and LIN plus control
and driver signals.
Why choose the PicoScope 4000A Series oscilloscopes?
The PicoScope 4000A Series provides 20 MHz bandwidth, low noise, 12-bit resolution,
deep capture memory and an integrated function and arbitrary waveform generator in a
compact USB 3 connected PC-based package, together with a proven user interface.
This series of oscilloscopes is especially suited to engineers, scientists and technicians
working on a wide range of electrical, mechanical, audio, lidar, radar, ultrasonic, NDT
and predictive maintenance systems who need to make precise measurements and
analysis of repetitive or single-shot long-duration waveforms.
The PicoScope 4000A Series is unlike conventional oscilloscopes with 8-bit resolution
and limited capture memory or card-based digitizers that require an expensive
mainframe and offers the following benefits:
•
PicoScope 6 user interface with time- and frequency-domain waveform views
•
Automatic measurements of important waveform parameters on up to a million
waveform cycles with each triggered acquisition using DeepMeasure™
•
Decoding of 18 popular industry serial bus standards.
•
An application programming interface that provides direct control of the hardware
•
Five years warranty included as standard
Suitable for a broad range of applications, including:
•
Power supply start sequencing
•
7-channel audio systems
•
Multi-sensor systems
•
Multi-phase drives and controls
•
Predictive/preventive maintenance
•
Complex embedded system development
•
Power harmonics analysis
•
Vibration analysis and diagnostics
•
Long-duration waveform capture
•
Lubricant analysis
•
Acoustic emission analysis
•
Oil condition sensors
•
Machine monitoring
•
Motor condition monitoring and motor current signature analysis
•
Model-based voltage and current systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com