Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC008 Datasheet(PDF) 8 Page - Pico Technology Ltd.

Part # CC008
Description  High-resolution data logger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

CC008 Datasheet(HTML) 8 Page - Pico Technology Ltd.

  CC008 Datasheet HTML 1Page - Pico Technology Ltd. CC008 Datasheet HTML 2Page - Pico Technology Ltd. CC008 Datasheet HTML 3Page - Pico Technology Ltd. CC008 Datasheet HTML 4Page - Pico Technology Ltd. CC008 Datasheet HTML 5Page - Pico Technology Ltd. CC008 Datasheet HTML 6Page - Pico Technology Ltd. CC008 Datasheet HTML 7Page - Pico Technology Ltd. CC008 Datasheet HTML 8Page - Pico Technology Ltd. CC008 Datasheet HTML 9Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ADC-20 and ADC-24 data loggers
Inputs and outputs
ADC-20
ADC-24
Common mode rejection ratio, channel to common
95 dB (DC to 60 Hz)
Common mode rejection ratio, common to earth ground > 125 dB (DC to 60 Hz)
Overvoltage protection
±30 V between any input and common
Digital I/O
None
4 bidirectional (3.3 V CMOS)
Output level, high: > 2.40 V
Output level, low: < 0.40 V
Input level, high:
> 2.20 V
Input level, low:
< 0.88 V
Isolation (input to input)
None
Isolation (input to ground)
Galvanic up to ±30 V
AGND and DGND isolated
Reference output
+2.5 V ±2.5 mV @ 2 mA
+5 V
±1.0 V
@ 2 mA
−5 V
±1.5 V
@ 2 mA
Environmental
Temperature range, operating, for quoted accuracy
20 to 30 °C
Temperature range, operating
0 to 45 °C
Temperature range, storage
−20 to +60 °C
Humidity range, operating
5 to 80 %RH, non-condensing
Humidity range, storage
5 to 95 %RH, non-condensing
General
Software
PicoLog Cloud, PicoSDK (available from www.picotech.com/downloads)
Example code (available from Pico’s GitHub organization page, github.com/picotech)
PicoLog user interface languages
English, French, Italian, German, Spanish, Korean, Japanese, Chinese (simplified), Russian
PC requirements (PicoLog Cloud app)
Windows, macOS, Linux or Raspberry Pi OS. For supported OS versions, see PicoLog 6 Release Notes.
Hardware as required by the operating system.
PC requirements (viewer)
Any device with internet access, a web browser and a screen
I/O connector
25-way D female
Power requirements
Powered from USB port, 100 mA (max.)
A 4.4 m (13.8 ft) USB cable is permanently attached to the logger
Dimensions
135 x 184 x 36 mm (5.31 x 7.24 x 1.41 in)
Weight
Approx. 505 g (17.8 oz)
Compliance
European EMC and LVD standards
FCC Rules Part 15 Class A
Warranty
5 years



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com