Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P25Q16SH Datasheet(PDF) 10 Page - Puya Semiconductor Co., Ltd.

Part # P25Q16SH
Description  Ultra Low Power, 16M-bit
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q16SH Datasheet(HTML) 10 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q16SH Datasheet HTML 6Page - Puya Semiconductor Co., Ltd. P25Q16SH Datasheet HTML 7Page - Puya Semiconductor Co., Ltd. P25Q16SH Datasheet HTML 8Page - Puya Semiconductor Co., Ltd. P25Q16SH Datasheet HTML 9Page - Puya Semiconductor Co., Ltd. P25Q16SH Datasheet HTML 10Page - Puya Semiconductor Co., Ltd. P25Q16SH Datasheet HTML 11Page - Puya Semiconductor Co., Ltd. P25Q16SH Datasheet HTML 12Page - Puya Semiconductor Co., Ltd. P25Q16SH Datasheet HTML 13Page - Puya Semiconductor Co., Ltd. P25Q16SH Datasheet HTML 14Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
P25Q16SH Datasheet
Puya Semiconductor
Page 10 of 109
5.3
AC Characteristics
Table 5-3-1 AC parameters(Ta=-40°C to +85°C)
Symbol
Alt.
Parameter
2.3V~3.6V
min
typ
max
Unit
fSCLK
fC
Clock Frequency for the following instructions except for special marking
133
MHz
fRSCLK
fR
Clock Frequency for READ instructions
55
MHz
fTSCLK
fT
Clock Frequency for 2READ,DREAD instructions
133
MHz
fQ
Clock Frequency for 4READ, QREAD,C0H, QPI 0Bh, QPI EBh, QPI 0Ch instructions
133
MHz
Clock Frequency for WREAD instructions
104
MHz
fD
Clock Frequency for DTR instructions
66
MHz
fQPP
Clock Frequency for QPP (Quad page program)
133
MHz
tCH(1)
tCLH
Clock High Time
3.3
ns
tCL(1)
tCLL
Clock Low Time (fSCLK) 45% x (1fSCLK)
3.3
ns
tCLCH(7)
Clock Rise Time (peak to peak)
0.1
v/ns
tCHCL(7)
Clock Fall Time (peak to peak)
0.1
v/ns
tSLCH
tCSS
CS# Active Setup Time (relative to SCLK)
5
ns
tCHSL
CS# Not Active Hold Time (relative to SCLK)
5
ns
tDVCH
tDSU
Data In Setup Time
2
ns
tCHDX
tDH
Data In Hold Time
3
ns
tCHSH
CS# Active Hold Time (relative to SCLK)
5
ns
tSHCH
CS# Not Active Setup Time (relative to SCLK)
5
ns
tSHSL
tCSH
CS# Deselect Time From Read to next Read
20
ns
CS# Deselect Time From Write,Erase,Program to Read Status Register
30
ns
tSHQZ(7)
tDIS
Output Disable Time
6
ns
tCLQV
tV
Clock Low to Output Valid Loading 30pF
7
ns
Clock Low to Output Valid Loading 15pF
6
ns
tCLQX
tHO
Output Hold Time
0
ns
tHLCH
HOLD# Active Setup Time (relative to SCLK)
5
ns
tCHHH
HOLD# Active Hold Time (relative to SCLK)
5
ns
tHHCH
HOLD# Not Active Setup Time (relative to SCLK)
5
ns
tCHHL
HOLD# Not Active Hold Time (relative to SCLK)
5
ns
tHHQX
tLZ
HOLD# to Output Low-Z
6
ns
tHLQZ
tHZ
HOLD# to Output High-Z
6
ns
tWHSL(3)
Write Protect Setup Time
20
ns
tSHWL(3)
Write Protect Hold Time
100
ns
tDP
CS# High to Deep Power-down Mode
3
us
tRES1
CS# High To Standby Mode Without Electronic Signature Read
8
us
tRES2
CS# High To Standby Mode With Electronic Signature Read
8
us
tW
Write Status Register Cycle Time
8
12
ms
tReady
Reset recovery time(for erase/program operation except WRSR)
30
us
Reset recovery time(for WRSR operation)
12
8
ms
tBL
Load memory page data to buffer time(256Byte)
60
us
Load memory page data to buffer time(512Byte)
120
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com