Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA518 Datasheet(PDF) 39 Page - Pico Technology Ltd.

Part # TA518
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA518 Datasheet(HTML) 39 Page - Pico Technology Ltd.

Back Button TA518 Datasheet HTML 34Page - Pico Technology Ltd. TA518 Datasheet HTML 35Page - Pico Technology Ltd. TA518 Datasheet HTML 36Page - Pico Technology Ltd. TA518 Datasheet HTML 37Page - Pico Technology Ltd. TA518 Datasheet HTML 38Page - Pico Technology Ltd. TA518 Datasheet HTML 39Page - Pico Technology Ltd. TA518 Datasheet HTML 40Page - Pico Technology Ltd. TA518 Datasheet HTML 41Page - Pico Technology Ltd. TA518 Datasheet HTML 42Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Manual calibration kits
Frequency
PC3.5(f)
PC3.5(m) SMA(f)*
SMA(m)*
* SMA kits are calibrated in a PC3.5 reference system.
Load uncorrected return loss
≤ 3 GHz
> 3 GHz
≥ 30 dB
≥ 27 dB
≥ 30 dB
≥ 26 dB
≥ 30 dB
≥ 26 dB
≥ 28 dB
≥ 26 dB
Load corrected return loss
≤ 3 GHz
> 3 GHz
≥ 46 dB
≥ 43 dB
≥ 46 dB
≥ 43 dB
≥ 40 dB
≥ 37 dB
≥ 40 dB
≥ 37 dB
Inferred from directivity after applying correction using
measured data provided with the kit
Open circuit return loss
≤ 3 GHz
> 3 GHz
≤ 0.15 dB
≤ 0.2 dB
Short circuit return loss
≤ 3 GHz
> 3 GHz
≤ 0.2 dB
≤ 0.25 dB
Through adaptor insertion loss
≤ 6 GHz
≤ 0.15 dB ≤ 0.15 dB ≤ 0.15 dB ≤ 0.2 dB
Transfer calibration method
300 kHz to 1.5 GHz
1.5 GHz to 6 GHz
SOLT comparison
TRL comparison
SOLT comparison
SOLT = short, open, load, through
TRL = through, reflect, line
Automated E-Cal kits
Port interface and impedance
2x 50 Ω SMA(f) ports
Port input limits
+10 dBm operating, +20 dBm/1 V pk protection
Bandwidth
300 kHz to 8.5 GHz
Directivity
40 dB
Source match
40 dB
Load match
36 dB
Reflection tracking
0.05 dB
Transmission tracking
0.04 dB
Transfer calibration method
SOLT comparison
Characterization data records to internal memory
Control and power
USB 2.0 (micro)
Dimensions
65 mm L x 43 mm W x 15 mm H
Including connectors and feet
Weight
60 g
Temperature (operating)
5 °C to 40 °C
Temperature (oven control range)
+18 °C to 28 °C
To meet quoted accuracy
Oven warming time
45 s typical at 23 °C
Humidity (operating)
5% to 80% RH non-condensing
Temperature (storage)
–20 °C to 50 °C
Humidity (storage)
5% to 80% RH non-condensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com