Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE011 Datasheet(PDF) 8 Page - Pico Technology Ltd.

Part # SE011
Description  High-accuracy platinum resistance data logger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

SE011 Datasheet(HTML) 8 Page - Pico Technology Ltd.

  SE011 Datasheet HTML 1Page - Pico Technology Ltd. SE011 Datasheet HTML 2Page - Pico Technology Ltd. SE011 Datasheet HTML 3Page - Pico Technology Ltd. SE011 Datasheet HTML 4Page - Pico Technology Ltd. SE011 Datasheet HTML 5Page - Pico Technology Ltd. SE011 Datasheet HTML 6Page - Pico Technology Ltd. SE011 Datasheet HTML 7Page - Pico Technology Ltd. SE011 Datasheet HTML 8Page - Pico Technology Ltd. SE011 Datasheet HTML 9Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PT-104 Platinum Resistance Data Logger
Compliance
European EMC and LVD standards
FCC Rules Part 15 Class A
RoHS compliant
Warranty
5 years
Order code
Model
Temperature
Accuracy
Cable length
Material
SE017
PT100 air probe
−75 to +250 °C
±0.15 °C @ 0 °C Class A
1 m
Stainless steel probe, PVC cable
SE018
PT100 air probe
−60 to +500 °C
±0.3 °C @ 0 °C Class B
1 m
Stainless steel probe, PVC cable
SE012
PT100 probe 1/10 DIN
accuracy
−50 to +250 °C
±0.03 °C @ 0 °C 1/10-DIN
2 m
Stainless steel probe, PTFE cable
SE011
PT100 general purpose
probe
−30 to +350 °C
±0.15 °C @ 0 °C Class A
2 m
Stainless steel probe, PVC cable
SE016
PT100 heavy duty probe
−60 to +500 °C
±0.3 °C @ 0 °C Class B
1 m
Stainless steel probe, PVC cable
SE041
PT100 high-temperature
stainless steel braided
cable probe
−60 to +500 °C
±0.3 °C @ 0 °C Class B
2 m
Wire-wound sensor, four-core nickel conductors insulated in
high‑temperature fiberglass with stainless steel overbraid
SE014
PT100 immersion probe
−75 to +250 °C
±0.15 °C @ 0 °C Class A
1 m
Stainless steel probe, PVC cable
SE015
PT100 insertion probe
−75 to +250 °C
±0.15 °C @ 0 °C Class A
1 m
Stainless steel probe, PVC cable
SE019
PT100 low cost probe
−75 to +260 °C
±0.15 °C @ 0 °C Class A
1 m
Stainless steel probe, PVC cable
For full information on PRT specifications, characteristics and prices, go to : www.picotech.com
Also measures voltage and resistance
The optional PT‑104 screw terminal adaptor (order code PP660) plugs into one channel on the data logger and has a set of
four screw terminals, allowing you to connect wire‑ended PRT sensors and custom circuits with voltage or resistance outputs to
the data logger without any need for soldering. The four screw terminals allow for wire sizes of 2.5 mm2 solid, 1.5 mm2 stranded
and 14-22 AWG with a maximum input range of 0 to 2.5 V.
Compatible platinum resistance thermometers
Pico Technology offers a range of platinum resistance thermometers (PRTs) for use with the PT-104. The PT-104 is compatible
with all standard PT100 and PT1000 PRTs, which offer high accuracy, resolution and stability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com