Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ215 Datasheet(PDF) 33 Page - Pico Technology Ltd.

Part # PQ215
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ215 Datasheet(HTML) 33 Page - Pico Technology Ltd.

Back Button PQ215 Datasheet HTML 29Page - Pico Technology Ltd. PQ215 Datasheet HTML 30Page - Pico Technology Ltd. PQ215 Datasheet HTML 31Page - Pico Technology Ltd. PQ215 Datasheet HTML 32Page - Pico Technology Ltd. PQ215 Datasheet HTML 33Page - Pico Technology Ltd. PQ215 Datasheet HTML 34Page - Pico Technology Ltd. PQ215 Datasheet HTML 35Page - Pico Technology Ltd. PQ215 Datasheet HTML 36Page - Pico Technology Ltd. PQ215 Datasheet HTML 37Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
PicoScope® 6000E Series
PicoScope
6426E
PicoScope
6425E
PicoScope
6824E
PicoScope
6424E
PicoScope
6406E
PicoScope
6405E
PicoScope
6804E
PicoScope
6404E
PicoScope
6403E
Rapid trigger mode rearm time
700 ns max, 300 ns typical (single channel, 5 GS/s)
Maximum
trigger rate
PicoScope 6
10 000 waveforms in 3 ms
PicoSDK
Number of waveforms up to memory segment count, at a rate of 6 million waveforms per second.
Waveform update rate
Up to 300 000 waveforms per second in PicoScope 6 fast persistence mode
Trigger time-stamping
Each waveform is timestamped with time from previous waveform, with sample-interval resolution.
The time resets when any settings are changed.
Auxiliary trigger
Connector type
Rear-panel BNC
Trigger types (triggering scope)
Edge, pulse width, dropout, interval, logic
Input bandwidth
> 10 MHz
Input characteristics
2.5 V CMOS Hi-Z input, DC coupled
Threshold
Fixed threshold, 1.25 V nominal to suit 2.5 V CMOS
Hysteresis
1 V max (V
IH < 1.75V, VIL > 0.75V)
Overvoltage protection
±20 V peak max
Function generator
Standard output signals
Sine, square, triangle, DC voltage, ramp up, ramp down, sinc, Gaussian, half-sine
Output frequency range
Sine/square waves: 100 μHz to 50 MHz
Other waves: 100 μHz to 1 MHz
Output frequency accuracy
Oscilloscope timebase accuracy ± output frequency resolution
Output frequency resolution
0.002 ppm
Sweep modes
Up, down, dual with selectable start/stop frequencies and increments
Sweep frequency range
Sine / square waves: 0.075 Hz to 50 MHz
Other waves: 0.075 Hz to 1 MHz
Swept frequencies down to 100 μHz are possible using PicoSDK with some restrictions
Sweep
frequency
resolution
PicoScope 6
0.075 Hz
PicoSDK
Sweep frequency resolution down to 100 μHz is possible with some restrictions
Triggering
Free-run, or from 1 to 1 billion counted waveform cycles or frequency sweeps. Triggered from scope trigger or manually.
Gating
Software-controlled gating of waveform output
Pseudorandom output signals
White noise, selectable amplitude and offset within output voltage range
Pseudorandom binary sequence (PRBS), selectable high and low levels within output voltage range, selectable bit rate up to 50 Mb/s
Output voltage range
±5 V into open circuit; ±2.5 V into 50 Ω
Output voltage adjustment
Signal amplitude and offset adjustable in < 1 mV steps within overall range
DC accuracy
±(0.5% of output voltage + 20 mV)
Amplitude flatness
Sine wave into 50 Ω: < 2.0 dB to 50 MHz
Square: < 0.5 dB to 50 MHz
Other waveforms: < 1.0 dB to 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com