Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ218 Datasheet(PDF) 39 Page - Pico Technology Ltd.

Part # PQ218
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ218 Datasheet(HTML) 39 Page - Pico Technology Ltd.

Back Button PQ218 Datasheet HTML 31Page - Pico Technology Ltd. PQ218 Datasheet HTML 32Page - Pico Technology Ltd. PQ218 Datasheet HTML 33Page - Pico Technology Ltd. PQ218 Datasheet HTML 34Page - Pico Technology Ltd. PQ218 Datasheet HTML 35Page - Pico Technology Ltd. PQ218 Datasheet HTML 36Page - Pico Technology Ltd. PQ218 Datasheet HTML 37Page - Pico Technology Ltd. PQ218 Datasheet HTML 38Page - Pico Technology Ltd. PQ218 Datasheet HTML 39Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
@picotechnologyltd
Pico Technology
Pico Technology
@LifeAtPico
@picotech
www.picotech.com
Errors and omissions excepted.
Pico Technology, PicoScope, PicoLog, PicoSDK, and FlexRes are internationally registered trademarks of Pico Technology Ltd.
GitHub is an exclusive trademark registered in the U.S. by GitHub, Inc. LabVIEW is a trademark of National Instruments Corporation. Linux is the
registered trademark of Linus Torvalds, registered in the U.S. and other countries. macOS is a trademark of Apple Inc., registered in the U.S. and
other countries. MATLAB is a registered trademark of The MathWorks, Inc. Windows is a registered trademark of Microsoft Corporation in the
United States and other countries.
MM105.en-6 Copyright © 2020–2021 Pico Technology Ltd. All rights reserved.
Calibration service
Order code Description
CC051
Calibration certificate for PicoScope 6000E Series oscilloscopes (300 and 500 MHz)
CC056
Calibration certificate for PicoScope 6000E Series oscilloscopes (750 MHz and 1 GHz)
PicoScope 6000E Series ordering information
Order code Description
Bandwidth
Channels
Resolution (bits)
Memory (GS)
PQ303
PicoScope 6426E
1 GHz
4
8 to 12
4
PQ302
PicoScope 6425E
750 MHz
4
8 to 12
4
PQ198
PicoScope 6824E
500 MHz
8
8 to 12
4
PQ201
PicoScope 6424E
500 MHz
4
8 to 12
4
PQ301
PicoScope 6406E
1 GHz
4
8
2
PQ300
PicoScope 6405E
750 MHz
4
8
2
PQ197
PicoScope 6804E
500 MHz
8
8
2
PQ200
PicoScope 6404E
500 MHz
4
8
2
PQ199
PicoScope 6403E
300 MHz
4
8
1
More instruments from Pico Technology...
PicoLog ADC-20/24
High-resolution and high-
accuracy voltage input
data loggers
PicoVNA
Low-cost,
professional-grade
6 GHz and 8.5 GHz vector
network analyzers for
both lab and field use
PicoSource AS108
8 GHz agile USB
controlled vector
modulating signal
synthesizer
PicoScope
9400 SXRTO
Sampler-extended real-
time oscilloscopes
5 to 16 GHz
United Kingdom global headquarters
Pico Technology
James House
Colmworth Business Park
St. Neots
Cambridgeshire
PE19 8YP
United Kingdom
www.picotech.com
+44 (0) 1480 396 395
sales@picotech.com
North America regional office
Pico Technology
320 N Glenwood Blvd
Tyler
TX 75702
United States
www.picotech.com
+1 800 591 2796
sales@picotech.com
Asia-Pacific regional office
Pico Technology
Room 2252, 22/F, Centro
568 Hengfeng Road
Zhabei District
Shanghai 200070
PR China
www.picotech.com
+86 21 2226-5152
pico.asia-pacific@picotech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com