Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA155 Datasheet(PDF) 21 Page - Pico Technology Ltd.

Part # TA155
Description  PC oscilloscopes and MSOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA155 Datasheet(HTML) 21 Page - Pico Technology Ltd.

Back Button TA155 Datasheet HTML 17Page - Pico Technology Ltd. TA155 Datasheet HTML 18Page - Pico Technology Ltd. TA155 Datasheet HTML 19Page - Pico Technology Ltd. TA155 Datasheet HTML 20Page - Pico Technology Ltd. TA155 Datasheet HTML 21Page - Pico Technology Ltd. TA155 Datasheet HTML 22Page - Pico Technology Ltd. TA155 Datasheet HTML 23Page - Pico Technology Ltd. TA155 Datasheet HTML 24Page - Pico Technology Ltd. TA155 Datasheet HTML 25Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PicoScope 3000 Series
PicoScope 3000 Series specifications
PicoScope software and drivers are subject to updates and changes in functionality. We recommend you check the most recent specifications at picotech.com.
PicoScope
3203D and
3203D MSO
PicoScope
3403D and
3403D MSO
PicoScope
3204D and
3204D MSO
PicoScope
3404D and
3404D MSO
PicoScope
3205D and
3205D MSO
PicoScope
3405D and
3405D MSO
PicoScope
3206D and
3206D MSO
PicoScope
3406D and
3406D MSO
Vertical (analog channels)
Input channels
2
4
2
4
2
4
2
4
Bandwidth (–3dB)
50 MHz
70 MHz
100 MHz
200 MHz
Rise time (calculated)
7.0 ns
5.3 ns
3.5 ns
1.75 ns
Bandwidth limit
20 MHz, selectable
Vertical resolution
8 bits
Enhanced vertical resolution
12 bits in PicoScope software
Input type
Single-ended, BNC(f) connector
Input characteristics
1 MΩ ±1%
∥ 14 pF ±1 pF
Input coupling
AC/DC
Input sensitivity
4 mV/div to 4 V/div (10 vertical divisions)
Input ranges (full scale)
±20 mV, ±50 mV, ±100 mV, ±200 mV, ±500 mV, ±1 V, ±2 V, ±5 V, ±10 V, ±20 V
DC accuracy
±(3% of full scale + 200 μV)
Analog offset range (vertical
position adjustment)
±250 mV (±20 mV, ±50 mV, ±100 mV, ±200 mV ranges)
±2.5 V (±500 mV, ±1 V, ±2 V ranges)
±20 V (±5 V, ±10 V, ±20 V ranges)
Offset adjustment accuracy
±1% of offset setting, additional to DC accuracy
Overvoltage protection
±100 V (DC + AC peak)
Vertical (digital channels: MSO models only)
Input channels
16 channels (2 ports of 8 channels)
Input connectors
2.54 mm pitch, 10 x 2-way connector
Maximum input frequency
100 MHz (200 Mb/s)
Minimum detectable pulse width
5 ns
Input characteristics
200 kΩ ±2%
∥ 8 pF ±2 pF
Input dynamic range
±20 V
Threshold range
±5 V
Threshold grouping
Two independent threshold controls. Port 0: D0 to D7, Port 1: D8 to D15.
Threshold selection
TTL, CMOS, ECL, PECL, user-defined
Threshold accuracy
< ±350 mV including hysteresis
Hysteresis
< ±250 mV
Minimum input voltage swing
500 mV peak to peak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com