Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE000 Datasheet(PDF) 8 Page - Pico Technology Ltd.

Part # SE000
Description  Cloud-connected 8-channel thermocouple data logger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

SE000 Datasheet(HTML) 8 Page - Pico Technology Ltd.

Back Button SE000 Datasheet HTML 3Page - Pico Technology Ltd. SE000 Datasheet HTML 4Page - Pico Technology Ltd. SE000 Datasheet HTML 5Page - Pico Technology Ltd. SE000 Datasheet HTML 6Page - Pico Technology Ltd. SE000 Datasheet HTML 7Page - Pico Technology Ltd. SE000 Datasheet HTML 8Page - Pico Technology Ltd. SE000 Datasheet HTML 9Page - Pico Technology Ltd. SE000 Datasheet HTML 10Page - Pico Technology Ltd. SE000 Datasheet HTML 11Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
USB TC-08 thermocouple data logger
Specifications
Hardware
Number of channels (single unit)
8
Maximum number of channels
(using up to 20 units)
160
Conversion time
100 ms per thermocouple channel
+ 100 ms for CJC (this can be disabled if all channels are used as voltage inputs)
Temperature accuracy
Sum of ±0.2% of reading and ±0.5 °C
Voltage accuracy
Sum of ±0.2% of reading and ±10 µV
Overvoltage protection
±30 V
Maximum common-mode voltage
±7.5 V
Input impedance
2 MΩ
Input range (voltage)
±70 mV
Resolution
20 bits
Noise-free resolution
16.25 bits
Thermocouple types supported
B, E, J, K, N, R, S, T
Input connectors
Miniature thermocouple
General
Connectivity
USB 2.0
Device connector type
USB 2.0, Type B
Power requirements
USB port
Dimensions
201 x 104 x 34 mm (7.91 x 4.09 x 1.34 in)
Temperature range, operating
0 °C to 50 °C
Temperature range, operating, for
quoted accuracy
20 °C to 30 °C
Temperature range, storage
−20 °C to 60 °C
Humidity range, operating
5 to 80 % RH non-condensing
Humidity range, storage
5 to 95 % RH non-condensing
Altitude
Up to 2000 m
Pollution degree
Pollution degree 2
Water resistance
Not water-resistant
Safety approvals
Designed to 2014/35/EU: Low Voltage Directive
EMC approvals
Tested to 2014/30/EU: Electromagnetic Compatibility Directive
Environmental approvals
RoHS and WEEE compliant
Software
PicoLog Cloud, PicoSDK (available from www.picotech.com/downloads)
Example code (available from Pico’s GitHub organization page, github.com/picotech)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com