Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX536ASD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MX536ASD
Description  True RMS-to-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX536ASD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MX536ASD Datasheet HTML 1Page - Maxim Integrated Products MX536ASD Datasheet HTML 2Page - Maxim Integrated Products MX536ASD Datasheet HTML 3Page - Maxim Integrated Products MX536ASD Datasheet HTML 4Page - Maxim Integrated Products MX536ASD Datasheet HTML 5Page - Maxim Integrated Products MX536ASD Datasheet HTML 6Page - Maxim Integrated Products MX536ASD Datasheet HTML 7Page - Maxim Integrated Products MX536ASD Datasheet HTML 8Page - Maxim Integrated Products MX536ASD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MX536A and MX636 are true RMS-to-DC convert-
ers. They feature low power and are designed to accept
low-level input signals from 0 to 7VRMS for the MX536A
and 0 to 200mVRMS for the MX636. Both devices accept
complex input waveforms containing AC and DC com-
ponents. They can be operated from either a single sup-
ply or dual supplies. Both devices draw less than 1mA
of quiescent supply current, making them ideal for bat-
tery-powered applications.
Input and output offset, positive and negative waveform
symmetry (DC reversal), and full-scale accuracy are
laser trimmed, so that no external trims are required to
achieve full rated accuracy.
________________________Applications
Digital Multimeters
Battery-Powered Instruments
Panel Meters
Process Control
____________________________Features
o True RMS-to-DC Conversion
o Computes RMS of AC and DC Signals
o Wide Response:
2MHz Bandwidth for VRMS > 1V (MX536A)
1MHz Bandwidth for VRMS > 100mV (MX636)
o Auxiliary dB Output: 60dB Range (MX536A)
50dB Range (MX636)
o Single- or Dual-Supply Operation
o Low Power: 1.2mA typ (MX536A)
800µA typ (MX636)
True RMS-to-DC Converters
________________________________________________________________
Maxim Integrated Products
1
14
13
12
11
10
9
8
1
2
3
4
5
6
7
+VS
N.C.
N.C.
N.C.
COMMON
RL
IOUT
VIN
N.C.
-VS
CAV
dB
BUF OUT
BUF IN
MX536A
MX636
DIP
TOP VIEW
MX536A
MX636B
TO-100
8
9
10
1
2
3
4
5
6
7
BUF IN
BUF OUT
dB
CAV
-VS
+VS
IOUT
RL
COMMON
VIN
Pin Configurations
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ABSOLUTE
VALUE
SQUARER
DIVIDER
CURRENT
MIRROR
BUF
VIN
-VS
+VS
VOUT
CAV
_________Typical Operating Circuits
19-0824; Rev 2; 3/96
PART
MX536AJC/D
MX536AJCWE
MX536AJD
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice**
16 Wide SO
14 Ceramic
Ordering Information
Ordering Information continued at end of data sheet.
*
Maxim reserves the right to ship ceramic packages in lieu of
CERDIP packages.
**
Dice are specified at TA = +25°C.
MX536AJH
MX536AJN
0°C to +70°C
0°C to +70°C
10 TO-100
14 Plastic DIP
MX536AJQ*
MX536AKCWE
0°C to +70°C
0°C to +70°C
14 CERDIP
16 Wide SO
MX536AKD
MX536AKH
0°C to +70°C
0°C to +70°C
14 Ceramic
10 TO-100
MX536AKN
0°C to +70°C
14 Plastic DIP
Pin Configurations continued at end of data sheet.
Typical Operating Circuits continued at end of data sheet.
MX536AKQ*
0°C to +70°C
14 CERDIP
MX536ASD
-55°C to +125°C
14 Ceramic
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MX536ASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX536ASD MAXIM-MX536ASD Datasheet
123Kb / 12P
True RMS-to-DC Converters
Rev 2; 3/96
More results

Similar Description - MX536ASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX536A MAXIM-MX536A Datasheet
123Kb / 12P
True RMS-to-DC Converters
Rev 2; 3/96
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
LH0091 True RMS to DC Converter
logo
Cyrustek corporation
ES7 CYRUSTEK-ES7 Datasheet
920Kb / 10P
True RMS-to-DC Converters
ES636 CYRUSTEK-ES636_09 Datasheet
283Kb / 13P
True RMS-to-DC Converters
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
TRUE RMS TO DC CONVERTER
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
Integrated Circuit True RMS-to-DC Converter
Rev. F
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
True RMS-to-DC Converter
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
True RMS-to-DC Converters
ES736 CYRUSTEK-ES736 Datasheet
509Kb / 9P
True RMS-to-DC Converters
ES737 CYRUSTEK-ES737 Datasheet
703Kb / 10P
True RMS-to-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com