Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30SPA0553 Datasheet(PDF) 2 Page - Mimix Broadband

Part # 30SPA0553
Description  27.0-32.0 GHz GaAs MMIC Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

30SPA0553 Datasheet(HTML) 2 Page - Mimix Broadband

  30SPA0553 Datasheet HTML 1Page - Mimix Broadband 30SPA0553 Datasheet HTML 2Page - Mimix Broadband 30SPA0553 Datasheet HTML 3Page - Mimix Broadband 30SPA0553 Datasheet HTML 4Page - Mimix Broadband 30SPA0553 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Amplifier Measurements
Page 2 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
30SPA0553
27.0-32.0 GHz GaAs MMIC
Power Amplifier
September 2005 - Rev 01-Sep-05
25
26
27
28
29
30
31
32
33
34
35
Frequency (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
26
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
26
27
28
29
30
31
32
33
Frequency (G Hz)
Vd = 5.0 V
Vd = 5.5 V
Vd = 6.0 V
0
100
200
300
400
500
600
700
800
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
Output Pow er (dBm)
Id1 at 5 .0 V
Id1 at 5.5 V
Id1 a t 6.0 V
Id2 at 5 .0 V
Id2 at 5.5 V
Id2 a t 6.0 V
Id3 at 5 .0 V
Id3 at 5.5 V
Id3 a t 6.0 V
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
Output Power (dBm )
PA E at 5. 0 V
PA E at 5. 5 V
PA E at 6. 0 V
Gai n at 5.0 V
Gai n at 5.5 V
Gai n at 6.0 V
Ga in
PAE
35
36
37
38
39
40
41
42
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
Output Power per T one (dBm)
28 G Hz
29 G Hz
30 G Hz
31 G Hz
32 G Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com