Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C836B Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 82C836B
Description  Single-Chip 386sx AT
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

82C836B Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 82C836B Datasheet HTML 17Page - List of Unclassifed Manufacturers 82C836B Datasheet HTML 18Page - List of Unclassifed Manufacturers 82C836B Datasheet HTML 19Page - List of Unclassifed Manufacturers 82C836B Datasheet HTML 20Page - List of Unclassifed Manufacturers 82C836B Datasheet HTML 21Page - List of Unclassifed Manufacturers 82C836B Datasheet HTML 22Page - List of Unclassifed Manufacturers 82C836B Datasheet HTML 23Page - List of Unclassifed Manufacturers 82C836B Datasheet HTML 24Page - List of Unclassifed Manufacturers 82C836B Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 205 page
background image
Table 2-2.
Local Bus Interface Signals (continued)
Pin
Type
Name
Description
4
Input
-ADS
Processor Address Strobe from the 80386sx. Provides
timing markers for new address and start of cycle.
Tri-stated during a hold acknowledge state.
31
Input
W/-R
Processor Write/Read status. Indicates whether the
CPU cycle is a write or read.
32
Input
D/-C
Processor Data/Control status. Indicates whether the
CPU cycle is a data access or code/control cycle.
34
Input
M/-IO
Memory or I/O select from CPU. Indicates whether
the CPU cycle is a memory access or an I/O.
37
Bidirectional
-READY
Active-low signal indicates the end of a cycle.
-READY is normally controlled by the 82C836 and
should be connected to the 80386sx -READY input.
For external cache and coprocessor support, this
signal can be programmed to operate as an input.
137
Output
-NA (-STCYC)
Next Address Request to the 80386sx. Requests the
CPU to enter pipeline mode if possible. Can be
programmed to operate as a CPU Cycle Start indicator
instead of -NA if desired. Usable as an address latch
(-ADRL) control in either case.
36
Output
HOLD
Hold Request is an active-high output to the processor
that requests bus access for Refresh, DMA or Master
cycles. HOLD should be connected to the processor’s
HOLD input.
35
Input
HLDA
Hold Acknowledge is an active-high input from the
processor indicating when the CPU local bus has been
given up by the processor. HLDA should be
connected to the 80386sx processor’s HLDA pin.
143
Output
NMI
Non-Maskable Interrupt is generated as a result of a
parity error or an I/O channel error (-IOCHCK). NMI
should be connected to the processor’s NMI input.
The 80386sx responds to a low-to-high transition on
NMI.
144
Output
INTR
Interrupt Request is an active-high request to the CPU
to suspend the current process and acknowledge the
request. INTR should be connected to the INTR input
to the CPU.
s Signal Descriptions
Pin Assignments
2-4 Revision 3.0
P R E L I M I N A R Y
Chips and Technologies, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com