Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6SD106EN Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 6SD106EN
Description  Six-pack SCALE Driver for IGBTs and Power MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

6SD106EN Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 6SD106EN Datasheet HTML 4Page - List of Unclassifed Manufacturers 6SD106EN Datasheet HTML 5Page - List of Unclassifed Manufacturers 6SD106EN Datasheet HTML 6Page - List of Unclassifed Manufacturers 6SD106EN Datasheet HTML 7Page - List of Unclassifed Manufacturers 6SD106EN Datasheet HTML 8Page - List of Unclassifed Manufacturers 6SD106EN Datasheet HTML 9Page - List of Unclassifed Manufacturers 6SD106EN Datasheet HTML 10Page - List of Unclassifed Manufacturers 6SD106EN Datasheet HTML 11Page - List of Unclassifed Manufacturers 6SD106EN Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
6&$/( 'ULYHU
Data Sheet 6SD106E
Internet: w ww.IGBT- Drive r .com
Page 9
Application Hints
IMPORTANT INFORMATION
This data sheet contains only product-specific data. All data that apply
to the whole type series of SCALE drivers is given in the document
entitled: “Description and Application Manual for SCALE Drivers”. In
particular, this manual contains a detailed description of the concept of
the SCALE drivers, a description of the function of all terminal pins as
well as other important application hints.
Overview and application
The SCALE driver 6SD106E is a six-pack driver for power MOSFETs and IGBTs.
The terminal pins of the 6SD106E driver are arranged so that the layout can be kept
very simple and the logic signal flow (input signal
⇒ drive circuit ⇒ power transistors) is
maintained. A distance of 12.7mm is observed between the drive signal and the power
potential!
Collector sense and dimensioning of Rth
The
6SD106E
six-
path driver has a
collector-sense circuit
to protect the power
semiconductors. It is
shown in Fig. 4
Its basic operating
mode can be ob-
tained
from
the
brochure
entitled:
“Description
and
Application
Manual
for Scale Drivers”.
To correspond more
effectively to the turn-
on characteristic of
the IGBTs, the SCALE
Rm
V+
V+
Ca
Cx
5WK[
Gx
Ex
Rthx
RGx
Dm (2 x 1N4007)
SCALE Driver Module
IGD 001
4
5
150uA
1.4mA
OVERCURRENT
MEASURING
Fig. 4 Collector-sense circuit principle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com