Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMLL4153 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMLL4153
Description  High-speed diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMLL4153 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMLL4153 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMLL4153 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PMLL4153
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 19 August 2010
3 of 10
NXP Semiconductors
PMLL4153
High-speed diode
7.
Characteristics
[1]
When switched from IF = 10 mA to IR =10mA; RL = 100 Ω; measured at IR =1mA.
[2]
When switched from IF = 10 mA to IR =60mA; RL = 100 Ω; measured at IR =1mA.
[3]
When switched to IF = 200 mA; tr = 0.4 ns; measured at VF =1V.
Table 7.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 0.1 mA
490
-
550
mV
IF = 0.25 mA
530
-
590
mV
IF = 1 mA
590
-
670
mV
IF = 2 mA
620
-
700
mV
IF = 10 mA
700
-
810
mV
IF = 50 mA
740
-
880
mV
IR
reverse current
VR = 50 V
--0.05
μA
VR =50V; Tj = 150 °C
--50
μA
Cd
diode capacitance
VR = 0 V; f = 1 MHz
--2
pF
trr
reverse recovery time
[1] --4
ns
[2] --2
ns
tfr
forward recovery time
[3] --10
ns
Device mounted on an FR4 Printed-Circuit Board (PCB).
(1) Tj = 175 °C; typical values
(2) Tj =25 °C; typical values
(3) Tj =25 °C; maximum values
Fig 1.
Forward current as a function of ambient
temperature; derating curve
Fig 2.
Forward current as a function of forward
voltage
0
100
200
300
200
0
100
mbg451
Tamb (°C)
IF
(mA)
012
600
0
200
400
mbg464
VF (V)
IF
(mA)
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com