Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29943ACT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY29943ACT
Description  2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29943ACT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY29943ACT Datasheet HTML 1Page - Cypress Semiconductor CY29943ACT Datasheet HTML 2Page - Cypress Semiconductor CY29943ACT Datasheet HTML 3Page - Cypress Semiconductor CY29943ACT Datasheet HTML 4Page - Cypress Semiconductor CY29943ACT Datasheet HTML 5Page - Cypress Semiconductor CY29943ACT Datasheet HTML 6Page - Cypress Semiconductor CY29943ACT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY29943
Document #: 38-07285 Rev. *C
Page 2 of 7
Note:
1.
PD = internal pull-down, PU = internal pull-up.
Pin Description[1]
Pin
Name
PWR
I/O
Description
5
PECL_CLK
I, PU
PECL Input Clock
6
PECL_CLK#
I, PD
PECL Input Clock
3
OE
I, PU
Output Enable. When HIGH, all the outputs are enabled. When set
LOW, the outputs are at high impedance.
9, 10, 11, 13,
14, 15, 18, 19,
20, 22, 23, 24,
26, 27, 28, 30,
31, 32
Q(17:0)
VDD
O
Clock Outputs
7, 8, 16, 21, 29
VDD
3.3V or 2.5V Power Supply
1, 2, 12, 17, 25
VSS
Common Ground
4NC
No Connection



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com