Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6256DB Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # HT6256DB
Description  HIGH TEMPERATURE 32K x 8 STATIC RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT6256DB Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

  HT6256DB Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT6256DB Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT6256DB Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT6256DB Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT6256DB Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT6256DB Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT6256DB Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT6256DB Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HT6256
6
WRITE CYCLE AC TIMING CHARACTERISTICS (1)
(1) Test conditions: input switching levels VIL/VIH=0.5V/VDD-0.5V, input rise and fall times <1 ns/V, input and output timing reference levels
shown in the Tester AC Timing Characteristics table, capacitive output loading >50 pF, or equivalent capacitive load of 5 pF for TWLQZ.
(2) Typical operating conditions: VDD=5.0 V, TA=25
°C.
(3) Worst case operation conditions: VDD=4.5 V to 5.5 V, -55 to 225
°C.
(4) TAVAVW = TWLWH + TWHWL
(5) Guaranteed but not tested.
(6) External control of Chip Enable (CE) is available only in other package options.
ADDRESS
HIGH
IMPEDANCE
DATA OUT
NWE
DATA IN
DATA VALID
TAVAVW
NCS
CE
TAVWH
TWLWH
TAVWL
TWLQZ
TDVWH
TWHQX
TWHDX
TSLWH
TEHWH
TWHAX
TWHWL
l
o
b
m
y
Ss
r
e
t
e
m
a
r
a
P)
2
(
l
a
c
i
p
y
T
)
3
(
e
s
a
C
t
s
r
o
W
s
t
i
n
U
x
a
M
n
i
M
W
V
A
V
A
T)
4
(
g
n
i
m
i
T
e
l
c
y
C
e
t
i
r
W
0
5s
n
H
W
L
W
Th
t
d
i
W
e
s
l
u
P
e
t
i
r
W
e
l
b
a
n
E
e
t
i
r
W
5
4s
n
H
W
L
S
Te
m
i
T
e
t
i
r
W
f
o
d
n
E
o
t
t
c
e
l
e
S
p
i
h
C
5
4s
n
H
W
V
D
Te
m
i
T
e
t
i
r
W
f
o
d
n
E
o
t
d
i
l
a
V
a
t
a
D
5
3s
n
H
W
V
A
Te
m
i
T
e
t
i
r
W
f
o
d
n
E
o
t
d
i
l
a
V
s
s
e
r
d
d
A
5
4s
n
X
D
H
W
Te
m
i
T
e
t
i
r
W
f
o
d
n
E
r
e
t
f
a
e
m
i
T
d
l
o
H
a
t
a
D
0s
n
L
W
V
A
Te
m
i
T
e
t
i
r
W
f
o
t
r
a
t
S
o
t
p
u
t
e
S
d
i
l
a
V
s
s
e
r
d
d
A
0s
n
X
A
H
W
Te
m
i
T
e
t
i
r
W
f
o
d
n
E
r
e
t
f
a
d
i
l
a
V
s
s
e
r
d
d
A
0s
n
Z
Q
L
W
Te
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
o
t
e
l
b
a
n
E
e
t
i
r
W
05
1s
n
X
Q
H
W
Te
m
i
T
e
l
b
a
n
E
t
u
p
u
O
o
t
e
l
b
a
s
i
D
e
t
i
r
W
5s
n
L
W
H
W
T)
5
(
h
t
d
i
W
e
s
l
u
P
e
l
b
a
n
E
e
t
i
r
W
o
t
e
l
b
a
s
i
D
e
t
i
r
W
5s
n
H
W
H
E
T)
6
(
e
m
i
T
e
t
i
r
W
f
o
d
n
E
o
t
e
l
b
a
n
E
p
i
h
C
5
4s
n



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com