Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1771 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1771
Description  Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1771 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1771 Datasheet HTML 1Page - National Semiconductor (TI) LM1771 Datasheet HTML 2Page - National Semiconductor (TI) LM1771 Datasheet HTML 3Page - National Semiconductor (TI) LM1771 Datasheet HTML 4Page - National Semiconductor (TI) LM1771 Datasheet HTML 5Page - National Semiconductor (TI) LM1771 Datasheet HTML 6Page - National Semiconductor (TI) LM1771 Datasheet HTML 7Page - National Semiconductor (TI) LM1771 Datasheet HTML 8Page - National Semiconductor (TI) LM1771 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Connection Diagrams
Top View
Top View
20189002
6-Lead LLP (3mm x 3mm)
NS Package Number SDE06A
20189040
MSOP-8
NS Package Number MUA08A
Ordering Information
Order Number
Timing Option
Package Type
NSC Package
Drawing
Top Mark
Supplied As
LM1771SSD
500ns
6-Lead LLP
SDE06A
1771S
1000 units Tape and Reel
LM1771SSDX
1771S
4500 units Tape and Reel
LM1771TSD
1000ns
1771T
1000 units Tape and Reel
LM1771TSDX
1771T
4500 units Tape and Reel
LM1771USD
2000ns
1771U
1000 units Tape and Reel
LM1771USDX
1771U
4500 units Tape and Reel
Order Number
Timing Option
Package Type
NSC Package Drawing
Supplied As
LM1771SMM
500ns
MSOP-8
MUA08A
Available Soon
LM1771SMMX
LM1771TMM
1000ns
LM1771TMMX
LM1771UMM
2000ns
LM1771UMMX
Pin Descriptions
Pin #
Name
Function
1
FB
Feedback Pin
2
GND
Ground
3
HG
PFET Gate Drive
4
LG
NFET Gate Drive
5
VIN
Input supply
6
EN
Enable Pin
DAP
-
Die Attach Pad is internally connected to GND, but it cannot be
used as the primary GND connection
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com