Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUB323Z Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUB323Z
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUB323Z Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUB323Z Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUB323Z Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Darlington Power Transistor
BUB323Z
DESCRIPTION
·
Low Collector Saturation Voltage
·
High DC Current Gain
·
High Reliability
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Audio power amplifiers
·
Relay & solenoid drivers
·
Motor controls
·
General purpose power amplifiers
·
Including zener diode
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
450
V
VCEO(SUS)
Collector-Emitter Voltage
350
V
VEBO
Emitter-Base Voltage
6
V
VZ
Zener Voltage
300
V
IC
Collector Current-Continuous
10
A
IB
Base Current-Continuous
2.5
A
PC
Collector Power Dissipation
@ TC=25℃
150
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.0
℃
/W


Similar Part No. - BUB323Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUB323Z ONSEMI-BUB323Z Datasheet
118Kb / 12P
NPN Silicon Power Darlington
September, 2001 ??Rev. 0
BUB323Z ONSEMI-BUB323Z Datasheet
90Kb / 8P
NPN Silicon Power Darlington High Voltage Autoprotected D2PAK for Surface Mount
August, 2005 ??Rev. 1
BUB323Z ONSEMI-BUB323Z Datasheet
85Kb / 8P
NPN Silicon Power Darlington
September, 2014 ??Rev. 2
BUB323Z ONSEMI-BUB323Z Datasheet
183Kb / 9P
NPN Silicon Power Darlington High Voltage Autoprotected D2PAK for Surface Mount
June, 2024 - Rev. 3
BUB323ZG ONSEMI-BUB323ZG Datasheet
90Kb / 8P
NPN Silicon Power Darlington High Voltage Autoprotected D2PAK for Surface Mount
August, 2005 ??Rev. 1
More results

Similar Description - BUB323Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com