Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFZ14S/L Datasheet(PDF) 1 Page - International Rectifier

Part # IRFZ14S/L
Description  Advanced Process Technology / Surface Mount (IRFZ14S)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ14S/L Datasheet(HTML) 1 Page - International Rectifier

  IRFZ14S/L Datasheet HTML 1Page - International Rectifier IRFZ14S/L Datasheet HTML 2Page - International Rectifier IRFZ14S/L Datasheet HTML 3Page - International Rectifier IRFZ14S/L Datasheet HTML 4Page - International Rectifier IRFZ14S/L Datasheet HTML 5Page - International Rectifier IRFZ14S/L Datasheet HTML 6Page - International Rectifier IRFZ14S/L Datasheet HTML 7Page - International Rectifier IRFZ14S/L Datasheet HTML 8Page - International Rectifier IRFZ14S/L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFZ14S/L
HEXFET® Power MOSFET
PD - 9.890A
l Advanced Process Technology
l Surface Mount (IRFZ14S)
l Low-profile through-hole (IRFZ14L)
l 175°C Operating Temperature
l Fast Switching
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.5
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
…
10
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
…
7.2
A
IDM
Pulsed Drain Current
…
40
PD @TA = 25°C
Power Dissipation
3.7
W
PD @TC = 25°C
Power Dissipation
43
W
Linear Derating Factor
0.29
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
47
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
4.5
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
VDSS = 60V
RDS(on) = 0.20Ω
ID = 10A
2
D
P a k
T O - 262
S
D
G
8/25/97
Description
Third Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of
its low internal connection resistance and can dissipate
up to 2.0W in a typical surface mount application.
The through-hole version (IRFZ14L) is available for low-
profile applications.
°C


Similar Part No. - IRFZ14S/L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFZ14S VISHAY-IRFZ14S Datasheet
304Kb / 9P
Power MOSFET
30-May-11
IRFZ14S VISHAY-IRFZ14S Datasheet
303Kb / 9P
Halogen-free According to IEC 61249-2-21 Definition
30-May-11
IRFZ14SPBF VISHAY-IRFZ14SPBF Datasheet
304Kb / 9P
Power MOSFET
30-May-11
IRFZ14SPBF VISHAY-IRFZ14SPBF Datasheet
382Kb / 11P
Power MOSFET
07-Sep-2020
IRFZ14STRLPBF VISHAY-IRFZ14STRLPBF Datasheet
304Kb / 9P
Power MOSFET
30-May-11
More results

Similar Description - IRFZ14S/L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9530NSPBF IRF-IRF9530NSPBF Datasheet
758Kb / 10P
Advanced Process Technology Surface Mount
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com