Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2111663210 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 2111663210
Description  OSFP TO OSFP 112G CABLE ASSEMBLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2111663210 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  2111663210 Datasheet HTML 1Page - Molex Electronics Ltd. 2111663210 Datasheet HTML 2Page - Molex Electronics Ltd. 2111663210 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LABEL DETAILS
DUAL DRAIN
MOLEX P/N
LENGTH (M)
TOLERANCE (mm)
AWG
2111661205
0.5
±
10
30
2111661210
1.0
±
10
30
2111661213
1.3
±
10
30
2111661214
1.4
±
10
30
2111663205
0.5
±
10
28
2111663210
1.0
±
10
28
2111663214
1.4
±
10
28
2111663216
1.6
±
10
28
2111664205
0.5
±
10
26
2111664210
1.0
±
10
26
2111664215
1.5
±
10
26
2111664218
1.8
±
10
26
2111664220
2.0
±
10
26
2111665205
0.5
±
10
32
2111665210
1.0
±
10
32
PART NUMBER TABLES
CABLE LENGTH AND AWG ARE PENDING
QUALIFICATION AND ARE SUBJECT TO CHANGE
!
(12.70)
(57.15)
(44.50)
(CLEAR POLY WRAP)
P/N: 211166XXXX - MOLEX PART NUMBER (SEE P/N TABLE)
X.XM - CABLE LENGTH IN METERS (EXAMPLES - 0.5M, 0.75M, 1.0M, 1.5M)
XXAWG - CABLE SIZE IN AWG
S/N: YYDDDLSSSS - SERIAL NUMBER
YY = YEAR, THE LAST TWO DIGITS OF YEAR
DDD = DAY OF THE YEAR
L = LOCATION
1 - USA
2 - MEXICO
3 - CHINA
4 - PHILIPPINES
SSSS = SERIAL NUMBER (0001-9999)
FORMAT: master-tb-prod-D
REVISION: J1
DATE: 2021/05/01
DOCUMENT STATUS
P1
RELEASE DATE
2023/04/18
13:34:34
DIVISIONAL
SYMBOLS
FUNCTIONAL
SYMBOLS
=
0
=
0
=
0
CURRENT REV DESC:
EC NO: 746431
DRWN: FFIERROS
2023/03/23
CHK'D: MGARRISON
2023/04/18
APPR:
MGARRISON
2023/04/18
INITIAL REVISION:
DRWN: GBARDELLA
2018/11/02
APPR:
MGARRISON
2019/08/02
THIRD ANGLE PROJECTION
DRAWING
SERIES
D-SIZE
211166
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
DIMENSION UNITS
SCALE
mm
1:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
1.0 °
4 PLACES
±
3 PLACES
±
2 PLACES
±
0.13
1 PLACE
±
0.25
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
OSFP TO OSFP 112G CABLE ASSEMBLY
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE DOC PART
REVISION
2111661000
PSD 000
K
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE P/N TABLE
GENERAL MARKET
3 OF 3
MOLEX P/N
LENGTH (M)
TOLERANCE (mm)
AWG
2111664025
2.5
±
10
26
SPECIAL LENGTH PART NUMBER TABLE*
* PART NUMBER IN THIS TABLE WILL NOT MEET IEE802.3ck
DRAINLESS
MOLEX P/N
LENGTH (M) TOLERANCE (mm)
AWG
2111661005
0.5
±
10
30
2111661010
1.0
±
10
30
2111661013
1.3
±
10
30
2111661014
1.4
±
10
30
2111663005
0.5
±
10
28
2111663010
1.0
±
10
28
2111663014
1.4
±
10
28
2111663016
1.6
±
10
28
2111664005
0.5
±
10
26
2111664010
1.0
±
10
26
2111664015
1.5
±
10
26
2111664018
1.8
±
10
26
2111664020
2.0
±
10
26
2111665005
0.5
±
10
32
2111665010
1.0
±
10
32
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
E
5
E
6
F
6
F
7
G
7
G
8
H
8
H
9
J
9
J
10
K
10
K
11
L
11
L
12
M
12
M
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20
S/N: YYDDDLSSSS
YYDDDLSSSS
P/N: 211166XXXX
X.XM
XXAWG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com