Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2111663214 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2111663214
Description  OSFP TO OSFP 112G CABLE ASSEMBLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2111663214 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2111663214 Datasheet HTML 1Page - Molex Electronics Ltd. 2111663214 Datasheet HTML 2Page - Molex Electronics Ltd. 2111663214 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LENGTH
(SEE P/N TABLE)
(SEE SHEET 3)
P1
P2
NOTES:
1. CABLE LENGTH DEPENDS ON WIRE GAUGE, DATA RATE, AND
HOST BOARD DRIVER CAPABILITIES.
2. MATERIALS:
BACKSHELLS - ZINC DIECAST WITH BRIGHT NICKEL PLATING
DELATCH - STAINLESS STEEL WITH OVERMOLDED PULL
3. IMPEDANCE - 100 OHMS DIFFERENTIAL.
4. MODULE IS COMPLIANT TO OSFP MSA REV 3.0 (PENDING TESTING)
5. EEPROM MAP AVAILABLE UPON REQUEST
6. RoHS COMPLIANT, NO EXEMPTIONS
2X
22.58 ±0.1
2X
13.00
+0.10
-0.20
50
2X
±
10
2X
132.0
LABEL TEXT
ORIENTATION
CABLE LABEL
ONLY ON P1 END FOR
LENGTHS UNDER 2 METERS
CLOTH TAPE UNDER LABELS
FORMAT: master-tb-prod-D
REVISION: J1
DATE: 2021/05/01
DOCUMENT STATUS
P1
RELEASE DATE
2023/04/18
13:34:34
DIVISIONAL
SYMBOLS
FUNCTIONAL
SYMBOLS
=
0
=
0
=
0
CURRENT REV DESC:
EC NO: 746431
DRWN: FFIERROS
2023/03/23
CHK'D: MGARRISON
2023/04/18
APPR:
MGARRISON
2023/04/18
INITIAL REVISION:
DRWN: GBARDELLA
2018/11/02
APPR:
MGARRISON
2019/08/02
THIRD ANGLE PROJECTION
DRAWING
SERIES
D-SIZE
211166
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
DIMENSION UNITS
SCALE
mm
2:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
1.0 °
4 PLACES
±
3 PLACES
±
2 PLACES
±
0.13
1 PLACE
±
0.25
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
OSFP TO OSFP 112G CABLE ASSEMBLY
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE DOC PART
REVISION
2111661000
PSD 000
K
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE P/N TABLE
GENERAL MARKET
1 OF 3
EXPANDO
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
E
5
E
6
F
6
F
7
G
7
G
8
H
8
H
9
J
9
J
10
K
10
K
11
L
11
L
12
M
12
M
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20


Similar Part No. - 2111663214

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2111663214 MOLEX-2111663214 Datasheet
282Kb / 3P
OSFP TO OSFP 112G CABLE ASSEMBLY
2023/04/18
More results

Similar Description - 2111663214

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0687830017 MOLEX8-0687830017 Datasheet
208Kb / 3P
DisplayPort*-to-DisplayPort* Cable Assembly
logo
TE Connectivity Ltd
C-2324869 TEC-C-2324869 Datasheet
457Kb / 2P
CONNECTOR ASSEMBLY, SMT, OSFP
C-2317416 TEC-C-2317416 Datasheet
1Mb / 3P
CAGE ASSEMBLY, 1X1, OSFP
C-2315853 TEC-C-2315853 Datasheet
4Mb / 7P
CAGE ASSEMBLY, 1X4, OSFP
C-2317857 TEC-C-2317857 Datasheet
112Kb / 1P
EMI AND DUST COVER, OSFP
C-2338495 TEC-C-2338495 Datasheet
12Mb / 8P
CAGE ASSEMBLY, 1X4, OSFP
logo
Yamaichi Electronics Co...
CN176S YAMAICHI-CN176S Datasheet
784Kb / 2P
CN176S SERIES OSFP HOST CONNECTOR
logo
Amphenol Communications...
P-V36-ADZ01 AMPHENOLCS-P-V36-ADZ01 Datasheet
860Kb / 7P
QSFP-DD SMT 112G CONNECTOR ASSEMBLY 0.8mm PITCH, 76-PIN
Rev. E
logo
Molex Electronics Ltd.
2111663016 MOLEX-2111663016 Datasheet
282Kb / 3P
OSFP TO OSFP 112G CABLE ASSEMBLY
2023/04/18
2126751014 MOLEX-2126751014 Datasheet
320Kb / 3P
QSFP-DD TO QSFP-DD 112G PASSIVE CBL ASY
2022/07/14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com