Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA Datasheet(PDF) 2 Page - ITT Industries

Part # SGA
Description  ARINC 600 Rack and Panel Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SGA Datasheet(HTML) 2 Page - ITT Industries

  SGA Datasheet HTML 1Page - ITT Industries SGA Datasheet HTML 2Page - ITT Industries SGA Datasheet HTML 3Page - ITT Industries SGA Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.ittcannon.com
22
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
ARINC 600 Rack and Panel Connectors
SGA
Recommended Panel Cutout
Plug Shell Dimensions
.205 (5.21)
.190 (4.83)
RAD. 4 Places
1.696 (43.08)
1.676 (42.58)
2.335 (59.31)
2.325 (59.06)
2.860 (72.64)
2.840 (72.14)
1.781 (45.24)
1.777 (45.14)
.655 (16.64)
.620 (15.75)
1.60
(40.64)
MAX.
.065 (1.65)
.062 (1.57) DIA
.120 (3.05)
.098 (2.49)
.185 (4.70)
.145 (3.68)
1.291 (32.79)
1.287 (32.69)
1.01 (25.65)
.99 (25.15)
.850 (21.59)
.830 (21.08)
.26 (6.60)
.24 (6.10)
.130 (3.30)
.120 (3.05)
FLANGE
*APPLIES TO INSERT RETAINING
SCREW LOCATION
.06 (1.52)
RAD. 4 PLACES
.10 (2.54) X .10 (2.54)
4 PLACES
1.910 (48.51)
1.890 (48.01)
1.165
(29.59)
1.165
(29.59)
3.010
(2.990)
.06 (1.52)
RAD. 4 PLACES
.156 (3.96( _
+ .001 (0.03) DIA. 4 HOLES
FOR PRESSED NO. 4 CAPTIVE NUT OR
.140 O
/ (3.56) DIA. FOR LOOSE HARWARE
.705 (17.91)*
.705 (17.91)*
1.760 (44.70)
1.740 (44.20)
1.050 (26.67)
1.030 (33.02)
*.705 APPLIES FOR 00, 03, 06,
14, 15 MOUNTING MODIFICATIONS
*.650 APPLIES FOR 05, 07, 08, 09, 10, 11,
12, & 13 MOUNTING MODIFICATIONS
.705*
(17.91)
.705*
(17.91)
.760*
(19.30)
.760*
(19.30)
SCREW, .112-40UNC - 2A, 4 PLACES
A1 POSITION
DESIGNATOR
.070 (1.78)
.050 (1.27)
.470 (11.94)
.460 (11.68)
.265 (6.73)
.255 (6.48)
+
+
+
+
+
+
+
+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com