Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8778LS Datasheet(PDF) 2 Page - Belden Inc.

Part # 8778LS
Description  Audio, Control & Instrument, 6PR#22 Str TC, PO ins, IF, LSNH Jkt, 300V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8778LS Datasheet(HTML) 2 Page - Belden Inc.

  8778LS Datasheet HTML 1Page - Belden Inc. 8778LS Datasheet HTML 2Page - Belden Inc. 8778LS Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LSZH - Low Smoke Zero Halogen (Flame Retardant) Chrome (RAL 7037) 9.5 mm
0.89 mm
Outer Shield
Material
Bi-Laminate (Alum+Poly)
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame Retardant) 13.9 mm
1.35 mm
Construction and Dimensions
Cabling
Description
Filler
1 center filler and 6 pairs twisted to cable core covered with a polypropylene foil Foamed flame retardant Polypropylene (2.50 mm)
Armor
Type of Armor
Material
Thickness of Armoring Wires Coverage Percentage
Steel Wire Armoring Galvanized steel wire 1.25 mm
Min. 95%
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Inner Shield DCR
49.2 Ohm/km
34.8 Ohm/km
Capacitance
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield
98.4 pF/m
180.4 pF/m
Inductance
Nominal Pair Inductance
0.59 µH/m
Impedance
Nominal Characteristic Impedance
50 Ohm
Current
Element
Max. Recommended Current [A]
Conductor(s) 2 A
Voltage
Voltage Rating [V]
300 V
Temperature Range
Installation Temperature Range:
-15°C To +80°C
Storage Temperature Range:
-45°C To +80°C
Operating Temp Range (Flexible Install):
-15°C To +80°C
Operating Temp Range (Fixed Install):
-45°C To +80°C
Mechanical Characteristics
Oil Resistance:
IEC 60811-404
Min. Bend Radius During Installation:
208.5 mm
Standards
CENELEC Compliance:
EN 50290-2-20
Applicable Environmental and Other Programs
Environmental Space:
Indoor
Suitability



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com