Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5370ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5370ACPZ-R2
Description  300 MHz to 1000 MHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5370ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5370ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5370ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5370ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5370ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5370ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5370ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5370ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5370ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5370ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADL5370
Rev. 0 | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V; TA = 25°C; LO = 0 dBm single-ended; baseband I/Q amplitude = 1.4 V p-p differential sine waves in quadrature with a 500 mV
dc bias; baseband I/Q frequency (fBB) = 1 MHz, unless otherwise noted.
8
0
1
2
3
4
5
6
7
250
450
650
850
1050
1250
1450
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 3. Single Sideband (SSB) Output Power (POUT) vs. LO Frequency (fLO)
and Temperature
8
0
1
2
3
4
5
6
7
250
450
650
850
1050
1250
1450
VS = 5.25V
VS = 5V
VS = 4.75V
LO FREQUENCY (MHz)
Figure 4. Single Sideband (SSB) Output Power (POUT) vs. LO Frequency (fLO)
and Supply
5
0
–5
1
10
100
1000
BASEBAND FREQUENCY (MHz)
Figure 5. I and Q Input Bandwidth Normalized to Gain @ 1 MHz
(fLO = 500 MHz)
250
450
650
850
1050
1250
1450
14
10
12
6
8
2
0
4
LO FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 6. SSB Output 1 dB Compression Point (OP1dB) vs. fLO and Temperature
250
450
650
850
1050
1250
1450
14
10
12
6
8
2
0
4
LO FREQUENCY (MHz)
VS = 5.25V
VS = 4.75V
VS = 5V
Figure 7. SSB Output 1 dB Compression Point (OP1dB) vs. fLO and Supply
0
180
30
330
60
90
270
300
120
240
150
210
S22 OF OUTPUT
S11 OF LOIP
250MHz
250MHz
1450MHz
1450MHz
Figure 8. Smith Chart of LOIP S11 and VOUT S22 .
(fLO from 250 MHz to 1450 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com