Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM03120-01 Datasheet(PDF) 2 Page - VIGO Photonics S.A.

Part # AM03120-01
Description  AM03120-01 ENGINEERING SAMPLE MWIR InAsSb detection module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

AM03120-01 Datasheet(HTML) 2 Page - VIGO Photonics S.A.

  AM03120-01 Datasheet HTML 1Page - VIGO Photonics S.A. AM03120-01 Datasheet HTML 2Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AM03120-01 detection module
P a g e | 2
16/09/2021
Engineering samples are manufactured for purposes of research and development. Values of parameters mentioned in the datasheet are for guidance
only and may not be used as guaranteed values.
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
Normalized responsivity change vs. ambient
temperature
* Normalized at peak responsivity (Ta = 20°C).
Schematic diagram and electrical interface
Top view
Mechanical layout, mm
1.
TO8 header
2.
Detector case
3.
Detector cap
4.
Window
5.
Detector active element on sapphire pad
6.
Integrated preamplifier
7.
Thermopad
8.
4-40 UNC A2 nut
Bottom view
Function
Symbol
Pin number
Signal ground
Signal GND
1
Output signal
Signal
3
Power supply input (–)
–Vsup
10
Chassis ground
Chassis GND
11
Power supply input (+)
+Vsup
12
Not used
–
2, 4, 5, 6, 7, 8, 9
0
0.2
0.4
0.6
0.8
1
1.2
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Wavelength, µm
0 °C
20 °C
40 °C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com