Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC-9-AF1 Datasheet(PDF) 2 Page - VIGO Photonics S.A.

Part # PC-9-AF1
Description  PC-9-AF1×1-TO39-NW-90 – ENGINEERING SAMPLE HgCdTe ambient temperature photoconductive detector with anti-fringing technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

PC-9-AF1 Datasheet(HTML) 2 Page - VIGO Photonics S.A.

  PC-9-AF1 Datasheet HTML 1Page - VIGO Photonics S.A. PC-9-AF1 Datasheet HTML 2Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC-9-AF1×1-TO39-NW-90 detector
P a g e | 2
30/09/2021
Engineering samples are manufactured for purposes of research and development. Values of parameters mentioned in the datasheet are for guidance
only and may not be used as guaranteed values.
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
Mechanical layout, mm
Bottom view
Function
Pin number
Detector
1, 2
Chassis ground
3
Φ – acceptance angle
Dedicated preamplifier
small SIP-TO39
Precautions for use and storage
Operation in 10% to 80% humidity and -20°C to 30°C ambient temperature.
Beam power limitations:
irradiance with CW or single pulse longer than 1 μs irradiance on the apparent optical active area must not exceed
100 W/cm2,
irradiance of the pulse shorter than 1 μs must not exceed 1 MW/cm².
Storage in dark place with 10% to 90% humidity and -20°C to 50°C ambient temperature.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com