Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT613 Datasheet(PDF) 2 Page - LETEX TECHNOLOGY CORP.

Part # LT613
Description  Photo DMOS-FET Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LT613 Datasheet(HTML) 2 Page - LETEX TECHNOLOGY CORP.

  LT613 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LT613 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LT613 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LT613 Datasheet HTML 4Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LT613
Rev.B
Letex Technology Corp.
Photo DMOS-FET Relay Specifications
Part Name: LT613
(Load voltage: 200V / Load current: 200mA)
Absolute Maximum Ratings (Ambient Temperature: 25℃)
Item
Symbol
Value
Units
Note
Input
Continuous LED Current
IF
50
mA
Peak LED Current
IFP
1000
mA
f=100Hz, uty=1%
LED Reverse Voltage
VR
5
V
Input Power Dissipation
PIn
75
mW
Output
Load Voltage
VL
200
V(AC peak or DC)
Load Current
IL
200
mA
Peak Load Current
IPeak
600
mA
100ms(1 pulse)
Output Power Dissipation
Pout
350
mW
Total Power Dissipation
PT
450
mW
I/O Breakdown Voltage
VI/O
3750
Vrms
RH=60%, 1min
I/O Breakdown Voltage(Suffix-V)
VI/O
5000
Vrms
RH=60%, 1min
Operating Temperature
TOpr
-40 to +85
-40 to +85
Storage Temperature
TStg
-40 to +100
-40 to +100
Pin Soldering Temperature
TSol
260
260
10 sec max.
Electrical Specifications (Ambient Temperature: 25℃)
Item
Symbol
MIN.
TYP.
MAX.
Units
Conditions
Input
LED Forward Voltage
VF
1.2
1.5
V
IF=10mA
Operation LED Current
IF On
0.5
5.0
mA
Recovery LED Current
IF Off
0.35
0.5
mA
Recovery LED Voltage
VF Off
0.5
V
Output
On-Resistance
ROn
5
8
Ω
IF=10mA,IL=100mA,
Time to flow is
within
1 sec.
Off-State Leakage
Current
ILeak
1
uA
VL=Rating
Output Capacitance
COut
45
pF
VL=0, f=1MHz
Transmis
sion
Turn-On Time
TOn
0.4
0.8
ms
IF=10mA, IL=100mA
Turn-Off Time
TOff
0.05
0.2
ms
Coupled
I/O Isolation Resistance
RI/O
10
10
Ω
DC500V
I/O Capacitance
CI/O
0.8
1.5
pF
f=1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com