Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS112 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS112
Description  Dual J-K Negative-edge-triggered Flip-Flops (with Preset and Clear)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS112 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS112 Datasheet HTML 1Page - Renesas Technology Corp HD74LS112 Datasheet HTML 2Page - Renesas Technology Corp HD74LS112 Datasheet HTML 3Page - Renesas Technology Corp HD74LS112 Datasheet HTML 4Page - Renesas Technology Corp HD74LS112 Datasheet HTML 5Page - Renesas Technology Corp HD74LS112 Datasheet HTML 6Page - Renesas Technology Corp HD74LS112 Datasheet HTML 7Page - Renesas Technology Corp HD74LS112 Datasheet HTML 8Page - Renesas Technology Corp HD74LS112 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HD74LS112
Rev.3.00, Jul.13.2005, page 3 of 8
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
—
—
–400
µA
Output current
IOL
—
—
8
mA
Operating temperature
Topr
–20
25
75
°C
Clock frequency
fclock
0
—
30
MHz
Clock High
20
—
—
ns
Pulse width
Clear Preset
Low
tw
25
—
—
ns
“H” Data
20
↓
ns
Setup time
“L” Data
tsu
20
↓
—
—
ns
Hold time
th
0
↓
—
—
ns
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
—
—
V
Input voltage
VIL
—
—
0.8
V
VOH
2.7
—
—
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –400
µA
—
—
0.5
IOL = 8 mA
Output voltage
VOL
—
—
0.4
V
IOL = 4 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
J, K
—
—
20
Clear
—
—
60
Preset
—
—
60
Clock
IIH
—
—
80
µA
VCC = 5.25 V, VI = 2.7 V
J, K
—
—
–0.4
Clear
—
—
–0.8
Preset
—
—
–0.8
Clock
IIL**
—
—
–0.8
mA
VCC = 5.25 V, VI = 0.4 V
J, K
—
—
0.1
Clear
—
—
0.3
Preset
—
—
0.3
Input
current
Clock
II
—
—
0.4
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output
current
IOS
–20
—
–100
mA
VCC = 5.25 V
Supply current***
ICC
—
4
8
mA
VCC = 5.25 V
Input clamp voltage
VIK
—
—
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** IIL should not be measured when preset and clear inputs are low at same time.
*** With all outputs open, ICC is measured with the Q and Q outputs high in turn. At the tires of measurement, the
clock input is grounded.
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
Maximum clock frequency
fmax
30
45
—
MHz
tPLH
—
11
20
ns
Propagation delay time
tPHL
Clear
Preset
Clock
Q,
Q
—
15
30
ns
CL = 15 pF,
RL = 2 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com