Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS165AFPEL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LS165AFPEL
Description  Parallel-Load 8-bit Shift Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS165AFPEL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LS165AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS165AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS165AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS165AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS165AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS165AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LS165AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LS165AFPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LS165AFPEL Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74LS165A
Rev.3.00, Jul.15.2005, page 5 of 7
Waveforms 2
Clock Inhibit
Input
Clock
Input
F and H
Inputs
(See Notes A and B)
(Disable while
clock is high)
Shift/
Load
Output QH
Output
QH
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
tPHL
tPLH
tPHL
tPLH
tPHL
tPLH
tPHL
tPLH
tPHL
tPLH
tPHL
tPLH
tw (clock)
tw (load)
tw (load)
tsu
tsu
tsu
VOH
VOL
VOH
VOL
0V
3V
0V
3V
0V
3V
0V
3V
Notes:
A. The remaining six data inputs and the serial input are low.
B. Prior to test, high-level data is loaded into H input.
C. The input pulse Generators have the following characteristics: PRR
≤ 1 MHz,
duty cycle
≤ 50%, Z
out
≈ 50 Ω, t
TLH
≤ 15 ns, t
THL
≤ 6 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com