Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1-6516-9 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HM1-6516-9
Description  2K x 8 CMOS RAM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM1-6516-9 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HM1-6516-9 Datasheet HTML 1Page - Renesas Technology Corp HM1-6516-9 Datasheet HTML 2Page - Renesas Technology Corp HM1-6516-9 Datasheet HTML 3Page - Renesas Technology Corp HM1-6516-9 Datasheet HTML 4Page - Renesas Technology Corp HM1-6516-9 Datasheet HTML 5Page - Renesas Technology Corp HM1-6516-9 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
Input or Output Voltage Applied for all Grades. . . . . . . GND -0.3V to
VCC +0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Ranges:
HM-6516B-9, HM-6516-9 . . . . . . . . . . . . . . . . . . . -40oC to +85oC
Thermal Resistance
θJA
θJC
CERDIP Package . . . . . . . . . . . . . . . .
48oC/W
8oC/W
CLCC Package . . . . . . . . . . . . . . . . . .
66oC/W
12oC/W
Maximum Storage Temperature Range . . . . . . . . .-65oC to +150oC
Maximum Junction Temperature. . . . . . . . . . . . . . . . . . . . . . +175oC
Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . +300oC
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25953 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications VCC = 5V ±10%; TA = -40oC to +85oC (HM-6516B-9, HM-6516-9)
SYMBOL
PARAMETER
LIMITS
UNITS
TEST CONDITIONS
MIN
MAX
ICCSB
Standby Supply Current
-
50
µA
IO = 0mA, VI = VCC or GND,
VCC = 5.5V, HM-6516B-9
-100
µA
IO = 0mA, VI = VCC or GND,
HM-6516-9
ICCOP
Operating Supply Current (Note 1)
-
10
mA
f = 1MHz, IO = 0mA, G = VCC, VCC =
5.5V, VI = VCC or GND
ICCDR
Data Retention Supply Current
-
25
µAVCC = 2.0V, IO = 0mA, VI = VCC or
GND, E = VCC, HM-6516B-9
-50
µAVCC = 2.0V, IO = 0mA, VI = VCC or
GND, E = VCC, HM-6516-9
VCCDR
Data Retention Supply Voltage
2.0
-
V
II
Input Leakage Current
-1.0
+1.0
µAVI = VCC or GND, VCC = 5.5V
IIOZ
Input/Output Leakage Current
-1.0
+1.0
µA
VIO = VCC or GND, VCC = 5.5V
VIL
Input Low Voltage
-0.3
0.8
V
VCC = 4.5V
VIH
Input High Voltage
2.4
VCC +0.3
V
VCC = 5.5V
VOL
Output Low Voltage
-
0.4
V
IO = 3.2mA, VCC = 4.5V
VOH1
Output High Voltage
2.4
-
V
IO = -1.0mA, VCC = 4.5V
VOH2
Output High Voltage (Note 2)
VCC -0.4
-
V
IO = -100
µA, VCC = 4.5V
Capacitance TA = +25oC
SYMBOL
PARAMETER
MAX
UNITS
TEST CONDITIONS
CI
Input Capacitance (Note 2)
8
pF
f = 1MHz, All measurements are
referenced to device GND
CIO
Input/Output Capacitance (Note 2)
10
pF
NOTES:
1. Typical derating 5mA/MHz increase in ICCOP.
2. Tested at initial design and after major design changes.
HM-6516



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com