Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS2-117RH/PROTO Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HS2-117RH/PROTO
Description  Radiation Hardened Adjustable Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS2-117RH/PROTO Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HS2-117RH/PROTO Datasheet HTML 2Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 3Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 4Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 5Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 6Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 7Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 8Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 9Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HS-117RH, HS-117EH
FN4560 Rev.11.00
Page 6 of 16
Mar 28, 2019
Post Radiation Electrical Specifications VDIFF = 3V, TA = +25°C, unless otherwise noted. Boldface limits apply over a total
ionizing dose of 300krad(Si) with exposure at a high dose rate of 50 to 300krad(Si)/s; or over a total ionizing dose of 50krad(Si) with exposure a low dose
rate of <10mrad(Si)/s.
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 8)
MAX
(Note 8)UNIT
Reference Voltage
VREF
VDIFF = 3V, VDIFF = 40V, 5.0mA ≤ IOUT ≤ 5.5mA
1.20
1.30
V
Line Regulation
RLINE
VREF = VOUT-VADJ, 3V ≤ VDIFF ≤ 40V, 5.0mA ≤ IOUT ≤ 5.5mA
-0.02
0.02
%
Load Regulation
RLOAD VDIFF = 3V, 5mA ≤ IOUT ≤ 1.25A (TO-257AA and SMD.5 packages only)
-1.5
1.5
%
VDIFF = 3V, 5mA ≤ IOUT ≤ 500mA (TO-39 package)
-1.5
1.5
%
Adjust Pin Current
IADJ
VDIFF = 3V, VDIFF = 40V, 5.0mA ≤ IOUT ≤ 5.5mA
100
µA
Adjust Pin Current Change
dIADJ
3V IADJ - 40V IADJ, 5.0mA ≤ IOUT ≤ 5.5mA
-6
6
µA
Output Current
IOUT
TO-257AA and SMD.5 packages only
1.25
A
TO-39 package
0.5
A
NOTE:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.
Post Radiation Characteristics This data is a typical mean test data post total dose radiation exposure at both a low dose rate (LDR)
of <10mrad(Si)/s to 100krad(Si) and at a high dose rate (HDR) of 50 to 300rad(Si)/s to 300krad(Si). This data is intended to show typical parameter
shifts due to low dose rate radiation. These are not limits nor are they guaranteed.
FIGURE 7. REFERENCE VOLTAGE vs RADIATION
FIGURE 8. LINE REGULATION (3V ≤ VDIFF ≤ 40V) vs RADIATION
FIGURE 9. LOAD REGULATION (IOUT 5mA to 1.25A) vs RADIATION
FIGURE 10. ADJUST PIN CURRENT vs RADIATION
0
50
100
150
200
250
300
krad(Si)
1.251
1.252
1.252
1.253
1.254
1.255
1.256
1.257
1.258
1.259
HIGH DOSE RATE
LOW DOSE RATE
VIN = 3V
VIN = 40
VIN = 40
VIN = 3V
0
50
100
150
200
250
300
krad(Si)
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
HIGH DOSE RATE
LOW DOSE RATE
0
50
100
150
200
250
300
krad(Si)
0
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
0.36
HIGH DOSE RATE
LOW DOSE RATE
0
50
100
150
200
250
300
krad(Si)
60
61
62
63
64
65
66
67
68
69
HIGH DOSE RATE
VIN = 40
VIN = 3V
LOW DOSE RATE
VIN = 3V
VIN = 40V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com