Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS9-139RH/PROTO Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HS9-139RH/PROTO
Description  Radiation Hardened Quad Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS9-139RH/PROTO Datasheet(HTML) 3 Page - Renesas Technology Corp

  HS9-139RH/PROTO Datasheet HTML 1Page - Renesas Technology Corp HS9-139RH/PROTO Datasheet HTML 2Page - Renesas Technology Corp HS9-139RH/PROTO Datasheet HTML 3Page - Renesas Technology Corp HS9-139RH/PROTO Datasheet HTML 4Page - Renesas Technology Corp HS9-139RH/PROTO Datasheet HTML 5Page - Renesas Technology Corp HS9-139RH/PROTO Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HS-139RH, HS-139EH
FN3573 Rev 6.00
Page 3 of 6
August 8, 2013
Die Characteristics
DIE DIMENSIONS:
3750µm x 2820µm (148 mils x 111 mils)
483µm
±25.4µm (19 mils ±1 mil)
INTERFACE MATERIALS:
Glassivation:
Type: Silox (SiO2)
Thickness: 8.0kÅ
±1.0kÅ
Top Metallization:
Type: AlSiCu
Thickness: 16.0kÅ
±2kÅ
Substrate:
Radiation Hardened Silicon Gate, Dielectric Isolation
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION:
Substrate Potential:
Unbiased (DI)
ADDITIONAL INFORMATION:
Worst Case Current Density:
<2.0 x 105 A/cm2
Transistor Count:
49
Metallization Mask Layout
HS-139RH, HS-139EH
GND
+IN4
-IN4
V+
-IN1
+IN1
+IN3
-IN3
+IN2
-IN2
OUT4
OUT3
OUT2
OUT1
(9)
(8)
(7)
(6)
(5)
(4)
(3)
(2)
(1)
(14)
(13)
(12)
(11)
(10)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com