Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS310X Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HS310X
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS310X Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HS310X Datasheet HTML 7Page - Renesas Technology Corp HS310X Datasheet HTML 8Page - Renesas Technology Corp HS310X Datasheet HTML 9Page - Renesas Technology Corp HS310X Datasheet HTML 10Page - Renesas Technology Corp HS310X Datasheet HTML 11Page - Renesas Technology Corp HS310X Datasheet HTML 12Page - Renesas Technology Corp HS310X Datasheet HTML 13Page - Renesas Technology Corp HS310X Datasheet HTML 14Page - Renesas Technology Corp HS310X Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
HS310x Datasheet
R36DS0011EU0120
Rev.1.2
Aug 10, 2021
Page 11
4.3
I2C Communication
The sensor transmission is initiated when the master sends a 0 START bit (S). The transmission is terminated
when the master sends a 1 STOP bit (P). These bits are only transmitted while the SCL line is HIGH (see the
following figure for waveforms).
Once the START condition has been set, the SCL line is toggled at the prescribed data rate, clocking
subsequent data transfers. Data on the SDA line is always sampled on the rising edge of the SCL line and must
remain stable while SCL is HIGH to prevent false START or STOP conditions.
START Condition
STOP Condition
STOP
SDA
SCL
SDA
SCL
START
Figure 14. START and STOP Condition Waveform
After the START bit, the master device sends the 7-bit slave address (see section 4.2) to the HS310x, followed
by the read/write bit, which indicates the transfer direction of any subsequent data. This bit is set to 1 to indicate
a read from slave to master, or set to 0 to indicate a write from master to slave.
All transfers consist of 8 bits and a response bit: 0 for Acknowledge (ACK) or 1 for Not Acknowledge (NACK).
After the ACK is received, another data byte can be transferred or the communication can be stopped with a
STOP bit.
4.4
Measurement Mode
The HS310x is factory-programmed to operate in Sleep Mode. In Sleep Mode, the sensor waits for commands
from the master before taking measurements. The digital core only performs conversions when it receives a
Measurement Request command (MR); otherwise, it is always powered down.
4.5
Measurement Requests (MR)
The MR command is required to wake up the HS310x from its Sleep Mode. Initiate the Measurement Request by
sending the 7-bit slave address followed by an eighth bit = 0 (WRITE).
A measurement cycle consists of a humidity and temperature conversion followed by the digital signal processor
(DSP) correction calculations. At the end of a measurement cycle, the digital output register will be updated
before powering down.
The output is always scaled to 14 bits. The order of the bits is big-endian.
S
Device Slave Address [6:0]
Slave Address Bit
(MSB first)
Start Condition
Stop Condition
Acknowledge (ACK)
Read/Write
(Example: Write = 0)
S
S
W
Wait for
Slave ACK
1
S
0 0
1
0
0
W
(0)
0
A
A
Figure 15. Measurement Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com