Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DML1010FDK Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DML1010FDK
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML1010FDK Datasheet(HTML) 3 Page - Diodes Incorporated

  DML1010FDK Datasheet HTML 1Page - Diodes Incorporated DML1010FDK Datasheet HTML 2Page - Diodes Incorporated DML1010FDK Datasheet HTML 3Page - Diodes Incorporated DML1010FDK Datasheet HTML 4Page - Diodes Incorporated DML1010FDK Datasheet HTML 5Page - Diodes Incorporated DML1010FDK Datasheet HTML 6Page - Diodes Incorporated DML1010FDK Datasheet HTML 7Page - Diodes Incorporated DML1010FDK Datasheet HTML 8Page - Diodes Incorporated DML1010FDK Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DML1010FDK
Document number: DS40878 Rev. 3 - 2
3 of 11
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DML1010FDK
Absolute Maximum Rating
Parameter
Rating
IN, ON, VBIAS, OUT to GND
-0.3V to 6V
Junction Temperature (TJ)
+150°C
IMAX
12A
Storage Temperature (TS)
-65°C to +150°C
ESD Rating HBM/CDM
2kV/1kV
Recommended Operating Ranges
Parameter
Rating
Supply Voltage (VVBIAS)
3.2V to 5.5V
Input Voltage (VIN)
0.8V to VBIAS-1.5V
Ambient Temperature (TA)
-40°C to +85°C
Package Thermal Resistance (
θ
JC)
8°C/W
Package Thermal Resistance (
θ
JA)
60°C/W
Electrical Characteristics (T
A = +25°C, VVBIAS = 5V, VIN = 1.05V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
IN Supply Voltage
VON = 5V
0.8
1.05
VVBIAS-1.5
V
VVBIAS
VBIAS Supply Voltage
—
3.2
5
5.5
V
ID
Maximum Continuous Current
VON = 5V
—
6
—
A
IPLS
Maximum Pulsed Switch Current
VIN = VON = 5V
Pulse <
300μs, 2% Duty Cycle
—
9
—
A
IQ
Quiescent Supply Current of VBIAS
IOUT = 0V, VON = 5V
—
35
—
µA
IOFF
VBIAS Shutdown Supply Current
VON = 0V, VOUT = 0V
—
—
2
µA
IINOFF
IN Shutdown Supply Current
VON = 0V, VOUT = 0V
—
—
2
µA
ION
ON Leakage Current
VON = 5V
—
—
1
µA
VONH
ON High Level Voltage
—
1.2
—
—
V
VONL
ON Low Level Voltage
—
—
—
0.5
V
Switching On Resistance
RON
Switch On-State Resistance
IOUT = -200mA, VON = 5V, VVBIAS = 5V
—
—
8
m
Ω
IOUT = -200mA, VON = 5V
VVBIAS = 3.3V
—
—
10
m
Ω
RPD
Output Pull-Down Resistance
IOUT = 15mA, VON = 0V
—
—
200
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com