Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT937HT Datasheet(PDF) 3 Page - LETEX TECHNOLOGY CORP.

Part # LT937HT
Description  Photo DMOS-FET Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LT937HT Datasheet(HTML) 3 Page - LETEX TECHNOLOGY CORP.

  LT937HT Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LT937HT Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LT937HT Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LT937HT Datasheet HTML 4Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LT937HT
Rev.C
Letex Technology Corp.
Reference Data
LED foward current Vs.
turn off time characteristics
Voltage Vs. currennt characteristics
of output at MOS portion
10
0.2
0
0
0.4
0.6
0.8
LED forward current (mA)
20
30
40
50
0.02
60
0
0
10
0.04
0.06
0.08
LED forward current (mA)
20
30
40
50
LED foward current Vs.
turn on time characteristics
50mA
30mA
20mA
10mA
5mA
1.0
1.2
0
Ambient temperature (℃)
LED forward voltage Vs.
Ambient temperature
1.0
1.1
1.2
1.3
1.5
1.4
0.10
0.12
-1.0
-0.5 -0.4
0.1
-0.2
-0.8
-0.6
-0.4
-0.3 -0.2
0.2
-0.1
0.4
Voltage, V
0.2 0.3 0.4 0.5
0.8
0.6
1.0
600
50
60
0
0
10
200
400
Applied voltage (V)
30
20
40
Applied voltage Vs.
output capacitance characteristics
100
800
0
10
-12
20
Load voltage (V)
60
40
80
10
-9
10
-6
10
-3
0
0.02
0.04
0.06
Ambient temperature (℃)
0.08
0
Turn off time Vs.
Ambient temperature
Ambient temperature (℃)
0
1
2
3
Ambient temperature (℃)
LED operate current Vs.
Ambient temperature
4
5
-40
0
-20
Ambient temperature (℃)
40
0
20
60
100
Load current Vs.
Ambient temperature
0.5
1.0
1.5
2.0
2.5
3.0
On resistance Vs.
Ambient temperature
100
0
0.2
0.4
0.6
Ambient temperature (℃)
LED turn off current Vs.
Ambient temperature
0.8
1.0
120
0
-40
-20
Ambient temperature (℃)
20
0
40
60
80
Turn on time Vs.
Ambient temperature
2.0
1.0
3.0
4.0
5.0
6.0
0.1
0.2
0.3
0.4
Off state leakage current Vs.
Load voltage characteristics
0.1
0.5
3.5
-20
0
20
-40
40
60
100
80
120
140
120
140
-20
0
20
-40
40
60
100
60
120
140
-20
0
20
-40
40
60
100
60
120
140
-20
0
20
-40
40
60
100
60
120
140
-20
0
20
-40
40
60
100
60
120
140
80
140
125
60



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com