Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # LSF0102
Description  2-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0102 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  LSF0102 Datasheet HTML 1Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Nexperia
LSF0102
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
4. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
LSF0102DP
-40 °C to +125 °C
TSSOP8 plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
LSF0102DC
-40 °C to +125 °C
VSSOP8 plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
LSF0102GS
-40 °C to +125 °C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35 × 1.0 × 0.35 mm
SOT1203
LSF0102GX
-40 °C to +125 °C
X2SON8 plastic thermal enhanced extremely thin
small outline package; no leads; 8 terminals;
body 1.35 × 0.8 × 0.32 mm
SOT1233-2
5. Marking
Table 2. Marking
Type number
Marking code[1]
LSF0102DP
h2
LSF0102DC
h2
LSF0102GS
h2
LSF0102GX
h2
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
6. Functional diagram
aaa-031132
A1
B1
refA
refB
A2
EN
B2
Fig. 1. Logic symbol
LSF0102
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 3 — 4 September 2020
2 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com