Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102DC Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # LSF0102DC
Description  2-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0102DC Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  LSF0102DC Datasheet HTML 1Page - Nexperia B.V. All rights reserved LSF0102DC Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0102DC Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0102DC Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0102DC Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0102DC Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0102DC Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0102DC Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0102DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Nexperia
LSF0102
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
7. Pinning information
7.1. Pinning
LSF0102
GND
EN
refA
refB
A1
B1
A2
B2
aaa-031133
1
2
3
4
6
5
8
7
Fig. 2. Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
aaa-031134
LSF0102
Transparent top view
1
8
GND
EN
2
7
refA
refB
4
5
A2
B2
3
6
A1
B1
Fig. 3. Pin configuration SOT1203 (XSON8)
aaa-031135
Transparent top view
LSF0102
1
2
3
GND
refA
A1
8
4
7
6
5
refB
B1
B2
EN
A2
Fig. 4. Pin configuration SOT1233-2 (X2SON8)
7.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
GND
1
ground (0 V)
refA
2
reference voltage A
A1, A2
3, 4
data input/output A
B1, B2
6, 5
data input/output B
refB
7
reference voltage B
EN
8
enable input (active HIGH)
LSF0102
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 3 — 4 September 2020
3 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com