Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLEB28P2RF Datasheet(PDF) 2 Page - ITT Industries

Part # SLEB28P2RF
Description  Snap-Lock Environmentally Sealed - Rectangular
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLEB28P2RF Datasheet(HTML) 2 Page - ITT Industries

  SLEB28P2RF Datasheet HTML 1Page - ITT Industries SLEB28P2RF Datasheet HTML 2Page - ITT Industries SLEB28P2RF Datasheet HTML 3Page - ITT Industries SLEB28P2RF Datasheet HTML 4Page - ITT Industries SLEB28P2RF Datasheet HTML 5Page - ITT Industries SLEB28P2RF Datasheet HTML 6Page - ITT Industries SLEB28P2RF Datasheet HTML 7Page - ITT Industries SLEB28P2RF Datasheet HTML 8Page - ITT Industries SLEB28P2RF Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
21
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Plug, 90° PCB
19 Position
28 Position
Receptacle, In-line
19 Position
28 Position
Plug, In-line
19 Position
28 Position
For PCB Layout, see page 25
130408-0000
130408-0004
130408-0001
130408-0010
130408-0002
130408-0011
130408-0003
130408-0012
130413-0000 130413-0003
130413-0001 130413-0004
130413-0002 130413-0005
130414-0000 130414-0002
130414-0001 130414-0004
130412-0000 130412-0004
130412-0001 130412-0010
130412-0002 130412-0011
130412-0003
130412-0012
130413-0000 130413-0003
130413-0001 130413-0004
130413-0002 130413-0005
130414-0000 130414-0002
130414-0001 130414-0004
Note: For configuration contact Cannon.
Note: For configuration contact Cannon.
Series Prefix
SLE - SLE-Snap Lock Environmental
Size
B-19 Cavity Housing
C-28 Cavity Housing
Number of Contacts
19 or 28
Contact Termination
T -
Tuning Fork Straight [Plug with 3,05 (.120)
min. PCB tails]
N -
Tuning Fork 90° [Plug with 2,54 (.100) min.
PCB tails]
P -
Crimp Pin (Receptacle)
S -
Crimp Socket (Plug)
P1 - Crimp Pin Power (Receptacle)
S1 - Crimp Socket Power (Pin)
Connector Type
2 -
Plug, In-line (Cable-to-Cable)
3 -
Plug, PCB
4 -
Receptacle, In-line (Cable-to-Cable)
Connector Termination
S -
Straight (Endbell)
L -
90° Left (Endbell)
R -
90° Right (Endbell)
U -
90° Up (Endbell)
D -
90° Down (Endbell)
P -
Potted (PCB Only)
Mechanical Modifier
F -
With Flange Mount (Plug only)
G -
Screwlock Applications (Receptacle only)
M -
Metric Threaded Inserts
N -
Threaded Inserts #6-32
E -
Threaded Inserts #6-32
Snap-Lock Environmentally Sealed - Rectangular
Engineering Quick Reference Selection Guide
Cannon SLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com