Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LABM-I-6 Datasheet(PDF) 1 Page - VIGO Photonics S.A.

Part # LABM-I-6
Description  3.0 – 7.5 μm and over 200 MHz HgCdTe programmable, laboratory IR detection module with optically immersed photovoltaic detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

LABM-I-6 Datasheet(HTML) 1 Page - VIGO Photonics S.A.

  LABM-I-6 Datasheet HTML 1Page - VIGO Photonics S.A. LABM-I-6 Datasheet HTML 2Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LabM-I-6 detection module datasheet
P a g e | 1
24/02/2021
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
LabM-I-6
3.0 – 7.5 µm and over 200 MHz HgCdTe programmable, laboratory IR detection
module with optically immersed photovoltaic detector
LabM-I-6 is a laboratory IR detection module with optically immersed photovoltaic detector based on HgCdTe heterostructure,
integrated with transimpedance, programmable preamplifier. 3° wedged zinc selenide anti-reflection coated window prevents unwanted
interference effects. For proper operation programmable „smart” VIGO thermoelctric cooler controller PTCC-01 (sold separately) and
Smart Manager Software (freeware) are required. LabM-I-6 module comes complete with PTCC-01 and Smart Manager is the best
solution for prototyping and R&D stage in a variety of MWIR applications. This set provides flexible approach to different needs of system
designers.
Spectral response (Ta = 20°C)
Exemplary spectral detectivity, the spectral response of delivered devices may differ.
Specification (Ta = 20°C, default module settings)
Parameter
Typical value
Optical parameters
Cut-on wavelength λcut-on (10%), µm
3.0±1.0
Peak wavelength λpeak, µm
5.5±0.5
Optimum wavelength λopt, µm
6.0
Cut-off wavelength λcut-off (10%), µm
7.5±0.5
Detectivity D*(λpeak), cm·Hz1/2/W
≥8.1×109
Detectivity D*(λopt), cm·Hz1/2/W
≥7.2×109
Output noise density vn(10 MHz), nV/Hz1/2
≤350
Electrical parameters
Voltage responsivity Rv(λpeak), V/W
≥2.3×104
Voltage responsivity Rv(λopt), V/W
≥2.0×104
Low cut-off frequency flo, Hz
10
High cut-off frequency fhi, Hz
≥200M (adjustable)
Output impedance Rout, Ω
50
Output voltage swing Vout, V
±1 (RL = 1 MΩ*))
Output voltage offset Voff, mV
max ±20
Other information
Active element material
epitaxial HgCdTe heterostructure
Optical area AO, mm×mm
1×1
Window
wZnSeAR
Acceptance angle Φ
~36°
Ambient operating temperature Ta, °C
10 to 30
Signal output socket
SMA
Power supply and TEC control socket
LEMO (female) ECG.0B.309.CLN
Mounting hole
M4
Fan
yes
*) RL – load resistance
Features
Very high performance and reliability
DC offset compensation
Compatible with optical accessories
Versatility and flexibility
Quantity discounted price
Fast delivery
Parameters configurable by the user
Output voltage offset
Gain (in 40 dB range)
Bandwidth (1.5 MHz/15 MHz/200 MHz)
Coupling AC/DC
Detector’s parameters (temperature,
reverse bias etc.)
Applications
MWIR gas detection, monitoring and
analysis
Flue gas denitrification
Fuel combustion monitoring at power
plants and other industrial facilities
Breath analysis
Explosion prevention
Emission control (exhaust fumes,
greenhouse gases)
Contactless temperature measurements
1E+08
1E+09
1E+10
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
Wavelength, µm


Similar Part No. - LABM-I-6

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
LABM-I-4 VIGO-LABM-I-4 Datasheet
760Kb / 2P
2.4 – 4.3 μm and over 5 MHz HgCdTe programmable, laboratory IR detection module with optically immersed photovoltaic detector
01/10/2021
LABM-I-5 VIGO-LABM-I-5 Datasheet
762Kb / 2P
2.9 – 5.5 μm and over 15 MHz HgCdTe programmable, laboratory IR detection module with optically immersed photovoltaic detector
01/10/2021
More results

Similar Description - LABM-I-6

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
PVI4TE6TO8-36-DTE VIGO-PVI4TE6TO8-36-DTE Datasheet
722Kb / 2P
3.0 – 6.9 μm HgCdTe four-stage thermoelectrically cooled, optically immersed photovoltaic detector
25/09/2020
LABM-I-4 VIGO-LABM-I-4 Datasheet
760Kb / 2P
2.4 – 4.3 μm and over 5 MHz HgCdTe programmable, laboratory IR detection module with optically immersed photovoltaic detector
01/10/2021
LABM-I-5 VIGO-LABM-I-5 Datasheet
762Kb / 2P
2.9 – 5.5 μm and over 15 MHz HgCdTe programmable, laboratory IR detection module with optically immersed photovoltaic detector
01/10/2021
NIPM-I-5 VIGO-NIPM-I-5 Datasheet
901Kb / 2P
2.9 – 5.5 μm and over 1.8 MHz balanced / auto-balanced IR detection module with two HgCdTe thermoelectrically cooled, optically immersed photovoltaic detectors
21/12/2021
QM-10.6 VIGO-QM-10.6 Datasheet
880Kb / 2P
3.0 – 12.0 μm and DC – 1 MHz HgCdTe four-channel IR detection module with photovoltaic quadrant geometry multiple junction detector
16/08/2021
UHSM-10.6 VIGO-UHSM-10.6 Datasheet
800Kb / 2P
3.0 – 12.0 μm and over 1GHz HgCdTe ultra high speed IR detection module with photovoltaic detector
09/11/2020
UHSM-I-10.6 VIGO-UHSM-I-10.6 Datasheet
825Kb / 2P
3.0 – 12.0 μm and over 700 MHz HgCdTe ultra high speed IR detection module with optically immersed photovoltaic detector
09/11/2020
UM-10.6 VIGO-UM-10.6 Datasheet
803Kb / 2P
2.0 – 12.0 μm and DC – 70 MHz HgCdTe universal IR detection module with photovoltaic multiple junction detector
09/11/2020
UM-I-10.6 VIGO-UM-I-10.6 Datasheet
823Kb / 2P
2.0 – 12.0 μm and DC – 100 MHz HgCdTe universal IR detection module with optically immersed photovoltaic multiple junction detector
09/11/2020
UM-I-6 VIGO-UM-I-6 Datasheet
825Kb / 2P
3.0 – 6.7 μm and DC – 1 MHz HgCdTe universal IR detection module with optically immersed photovoltaic detector
14/09/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com