Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP Datasheet(PDF) 1 Page - VIGO Photonics S.A.

Part # PIP
Description  Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

PIP Datasheet(HTML) 1 Page - VIGO Photonics S.A.

  PIP Datasheet HTML 1Page - VIGO Photonics S.A. PIP Datasheet HTML 2Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PIP series preamplifiers datasheet
P a g e | 1
22/12/2021
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
PIP series
PIP is a series of programmable “smart” preamplifiers. Due to the modern
internal configuration, it offers extreme flexibility combined with superior
signal parameters and high reliability. Built-in voltage monitor allows to check
and optimize the working conditions (supply voltages, detector bias voltage,
first and last stage output voltage offset etc.).
There is also possible to change the gain, coupling (AC/DC), optimize the first
stage transimpedance and manually or automatically suppress the voltage
offset.
Optimized parameters are stored into the internal EEPROM memory and
automatically loaded after the power is on. Reset to default settings is
available at any time. For detection module safety detector bias adjusting is
blocked by default. User can request to enable this option while ordering.
For proper operation PTCC-01 TEC controller is required.
Specification (Ta = 20°C)
Parameter
Typical value
Conditions, remarks
Low cut-off frequency flo, Hz
DC/10
user configurable by software
High cut-off frequency fhi, Hz
150k/1.5M/20M
1.5M/15M/200M user configurable by software
Transimpedance Ki, V/A
2.5k – 150k
0.5k – 30k
digitally adjustable
first stage transimpedance = 1 kΩ
first stage transimpedance = 5 kΩ
Output impedance Rout, Ω
50
Output voltage swing Vout, V
±1
RL = 50 Ω*)
Output voltage offset Voff, mV
max ±20**)
Ambient operating temperature Ta, °C
10 to 30
Signal output socket
SMA
Power supply and TEC control socket
LEMO (female) ECG.0B.309.CLN
Mounting hole
M4
Fan
yes
Parameters configurable
by the user
Output voltage offset
Gain (in 40 dB range)
Bandwidth
150 kHz/1.5 MHz/20 MHz
1.5 MHz/15 MHz/200 MHz
Coupling AC/DC
Detector’s parameters
(temperature, reverse bias
etc.)
*) RL – load resistance
**) Measured with equivalent resistor at the input instead of the detector, it is to avoid the environmental thermal radiation impact.
Types of VIGO detectors that can be integrated
with PIP preamplifier
Photoconductive
PC-2TE, PC-3TE, PC-4TE
Phtoconductive optically immersed
PCI-2TE, PCI-3TE, PCI-4TE
Photovoltaic
PV-2TE, PVA-2TE, PV-3TE, PV-4TE
Photovoltaic optically immersed
PVI-2TE, PVIA-2TE, PVI-3TE, PVI-4TE
Photovoltaic multiple junction
PVM-2TE
Photovoltaic multiple junction optically immersed
PVMI-2TE, PVMI-3TE, PVMI-4TE
Code description
Type
flo
fhi
PIP –
UC*)
(DC/10 Hz)
–
LS*)
(150 kHz/1.5 MHz/20 MHz)
HS*)
(1.5 MHz/15 MHz/200 MHz)
*) User configurable by software.
Power supply and TEC control socket
LEMO (female) ECG.0B.309.CLN
Function
Symbol
Pin number
Fan and programmable preamp
internal logic auxiliary supply
FAN+
1
Thermistor output (2)
TH2
2
TEC supply input (–)
TEC–
3
Power supply input (–)
–Vsup
4
Ground
GND
5
Power supply input (+)
+Vsup
6
TEC supply input (+)
TEC+
7
Thermistor output (1)
TH1
8
Biderictional data pin
DATA
9
Included accessories
SMA-BNC, LEMO-DB9 cables
Dedicated accessories
PTCC-01-BAS TEC controller + USB: TypeA-MicroB cable
+ AC adaptor
PTCC-01-ADV TEC controller + USB: TypeA-MicroB cable
+ AC adaptor
PTCC-01-OEM TEC controller + USB: TypeA-MicroB,
KK2-POWER cables
OTA optical threaded adapter
DRB-2 base mounting system


Similar Part No. - PIP

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
PIP AITSEMI-PIP Datasheet
605Kb / 6P
POWER INDUCTOR
logo
Bud Industries, Inc.
PIP-11760 BUD-PIP-11760 Datasheet
321Kb / 1P
NEMA Box Accessories
PIP-11763 BUD-PIP-11763 Datasheet
93Kb / 1P
PIP SERIES - PC 10% FIBERGLASS BOX
3-28-14
PIP-11763 BUD-PIP-11763 Datasheet
321Kb / 1P
NEMA Box Accessories
PIP-11763-C BUD-PIP-11763-C Datasheet
93Kb / 1P
PIP SERIES - PC 10% FIBERGLASS BOX
3-28-14
More results

Similar Description - PIP

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
POWER SUPPLY CONTROL IC
logo
NTE Electronics
RX1500-16 NTE-RX1500-16 Datasheet
46Kb / 7P
ECG Isopropanol
logo
Actel Corporation
BPW456-1270-26AB11 ACTEL-BPW456-1270-26AB11 Datasheet
921Kb / 4P
BGA456 - 35x35mm, 1.27mm E-TEC SOCKET
logo
Pomona Electronics
1794 POMONA-1794 Datasheet
20Kb / 1P
BNC Female To WE-309 Phone Plug
MODEL1794 POMONA-MODEL1794 Datasheet
20Kb / 1P
BNC Female To WE-309 Phone Plug
logo
Delta Electronics, Inc.
HET200VC DELTA-HET200VC Datasheet
248Kb / 1P
FAN / TEC / Control fail alarm
logo
Monolithic Power System...
MP8124 MPS-MP8124 Datasheet
1Mb / 21P
500mA LNB Power Supply and Control Regulator
logo
Festo Corporation.
573855 FESTO-573855 Datasheet
94Kb / 2P
Power supply socket
7/18/22
logo
VIGO Photonics S.A.
MIP VIGO-MIP Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
logo
Siemens Semiconductor G...
3TB4817-0B SIEMENS-3TB4817-0B Datasheet
490Kb / 4P
3TB4817-0B / 3TB5017-0B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com