Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLEC19S2RF Datasheet(PDF) 13 Page - ITT Industries

Part # SLEC19S2RF
Description  Snap-Lock Environmentally Sealed - Rectangular
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLEC19S2RF Datasheet(HTML) 13 Page - ITT Industries

Back Button SLEC19S2RF Datasheet HTML 6Page - ITT Industries SLEC19S2RF Datasheet HTML 7Page - ITT Industries SLEC19S2RF Datasheet HTML 8Page - ITT Industries SLEC19S2RF Datasheet HTML 9Page - ITT Industries SLEC19S2RF Datasheet HTML 10Page - ITT Industries SLEC19S2RF Datasheet HTML 11Page - ITT Industries SLEC19S2RF Datasheet HTML 12Page - ITT Industries SLEC19S2RF Datasheet HTML 13Page - ITT Industries SLEC19S2RF Datasheet HTML 14Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
32
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Snap-Lock Environmentally Sealed - Rectangular
Crimp Pot Cross Section
Cannon SLE
Crimp Height and Width
Wire Gauge (AWG)
16
18
20
C*
D Ref.
C*
D Ref.
C*
D Ref.
Signal (5A)
.064*
.082
.056*
.080
.054*
.080
Power (13A)
.066*
.082
.062*
.080
.058*
.080
* Hand Tools are ± .002 and machines are ± .001
Insulation Height and Width
Wire Gauge (AWG)
16
18
20
Height
Width
Height
Width
Height
Width
Max
Max**
Max
Max**
Max
Max**
Signal (5A)
.110
.115**
.105
.110**
.105
.110**
Power (13A)
.110
.115**
.105
.110**
.105
.110**
** Measurements are taken without crimping wire insulation.
Crimp Tensile Strength
Wire Trim Dimension
Wire Size (AWG)
16
18
20
Tensile Min (lbs)
35 lbs.
25 lbs.
20lbs.
CRIMP POT
CROSS SECTION
D
CRIMP
WIDTH
C
CRIMP
HEIGHT
(.220 - .210)
(.130 - .095)
The wire crimp heights listed are only
reference and valid for the
correspondingly listed wire size, wire
plating and wire stranding.
The wire crimp tensile values must be
used to assure the performance of
crimped contacts.
For wire crimp information not listed in
this table, please contact Cannon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com