Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM Datasheet(PDF) 1 Page - VIGO Photonics S.A.

Part # PVM
Description  2.0 – 13.0 μm HgCdTe ambient temperature photovoltaic multiple junction detectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

PVM Datasheet(HTML) 1 Page - VIGO Photonics S.A.

  PVM Datasheet HTML 1Page - VIGO Photonics S.A. PVM Datasheet HTML 2Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PVM series HgCdTe detectors datasheet
P a g e | 1
09/11/2020
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
PVM series
2.0 – 13.0 µm HgCdTe ambient temperature photovoltaic multiple junction
detectors
PVM series features uncooled IR photovoltaic multiple junction detectors based on sophisticated HgCdTe heterostructures for the best
performance and stability. The detectors are optimized for the maximum performance at λopt. They are especially useful as large active
area detectors operating within 2 to 13 µm spectral range.
Spectral response (Ta = 20°C)
Exemplary spectral detectivity, the spectral response of delivered devices may differ.
BNC
TO39
Specification (Ta = 20°C)
Parameter
Detector type
PVM-8
PVM-10.6
Active element material
epitaxial HgCdTe heterostructure
Optimum wavelength λopt, µm
8.0
10.6
Detectivity D*(λpeak), cm·Hz1/2/W
≥1.2×108
≥2.0×107
Detectivity D*(λopt), cm·Hz1/2/W
≥6.0×107
≥1.0×107
Current responsivity-active area length product
Ri(λopt)·L, A·mm/W
≥0.008
≥0.002
Time constant τ, ns
≤4
≤1.5
Resistance R, Ω
50 to 300
20 to 150
Active area A, mm×mm
1×1, 2×2, 3×3, 4×4
Package
TO39
BNC
TO39
BNC
Acceptance angle Φ
~90° ~102°*), ~124°**) ~90° ~102°*), ~124°**)
Window
none
*) Aperture C = Ø4 mm.
**) Aperture C = Ø6 mm.
1E+06
1E+07
1E+08
1E+09
2
3
4
5
6
7
8
9
10
11
12
13
Wavelength, µm
PVM-8
PVM-10.6


Similar Part No. - PVM

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PVM EATON-PVM Datasheet
715Kb / 2P
PVM fast-acting 13??2? x 1-1??? (10x38 mm) 600 Vdc photovoltaic fuses
logo
Cooper Bussmann, Inc.
PVM-10 COOPER-PVM-10 Datasheet
622Kb / 2P
PVM fast-acting 13??2? x 1 1??? (10x38mm) 600Vdc photovoltaic fuses
logo
Eaton All Rights Reserv...
PVM-10 EATON-PVM-10 Datasheet
715Kb / 2P
PVM fast-acting 13??2? x 1-1??? (10x38 mm) 600 Vdc photovoltaic fuses
logo
VIGO Photonics S.A.
PVM-10.6-1 VIGO-PVM-10.6-1 Datasheet
669Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature photovoltaic multiple junction detector
08/11/2020
PVM-10.6-1X1-TO39-NW-90 VIGO-PVM-10.6-1X1-TO39-NW-90 Datasheet
669Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature photovoltaic multiple junction detector
08/11/2020
More results

Similar Description - PVM

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
PEM VIGO-PEM Datasheet
737Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature photoelectromagnetic detectors
09/11/2020
PVI VIGO-PVI Datasheet
700Kb / 2P
2.5 – 6.5 μm HgCdTe ambient temperature, optically immersed photovoltaic detectors
25/09/2020
PV-SERIES VIGO-PV-SERIES Datasheet
696Kb / 2P
2.5 – 6.5 μm HgCdTe ambient temperature photovoltaic detectors
17/11/2020
PVM-10.6-1 VIGO-PVM-10.6-1 Datasheet
669Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature photovoltaic multiple junction detector
08/11/2020
PVM-2TE VIGO-PVM-2TE Datasheet
763Kb / 2P
2.0 – 12.0 μm HgCdTe two-stage thermoelectrically cooled photovoltaic multiple junction detectors
06/12/2021
PVMI-2TE VIGO-PVMI-2TE Datasheet
769Kb / 2P
2.0 – 13.0 μm HgCdTe two-stage thermoelectrically cooled, optically immersed photovoltaic multiple junction detectors
09/11/2020
PVMI-3TE VIGO-PVMI-3TE Datasheet
767Kb / 2P
2.0 – 13.0 μm HgCdTe three-stage thermoelectrically cooled, optically immersed photovoltaic multiple junction detectors
09/11/2020
PVMI-4TE VIGO-PVMI-4TE Datasheet
770Kb / 2P
2.0 – 13.0 μm HgCdTe four-stage thermoelectrically cooled, optically immersed photovoltaic multiple junction detectors
09/11/2020
PVMI VIGO-PVMI Datasheet
699Kb / 2P
2 – 12 μm HgCdTe ambient temperature, optically immersed photovoltaic multiple junction detectors
25/09/2020
PVMQ VIGO-PVMQ Datasheet
661Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature photovoltaic multiple junction quadrant detector
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com