Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS4002 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HS4002
Description  High Performance Relative Humidity and Temperature Sensor with Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4002 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HS4002 Datasheet HTML 17Page - Renesas Technology Corp HS4002 Datasheet HTML 18Page - Renesas Technology Corp HS4002 Datasheet HTML 19Page - Renesas Technology Corp HS4002 Datasheet HTML 20Page - Renesas Technology Corp HS4002 Datasheet HTML 21Page - Renesas Technology Corp HS4002 Datasheet HTML 22Page - Renesas Technology Corp HS4002 Datasheet HTML 23Page - Renesas Technology Corp HS4002 Datasheet HTML 24Page - Renesas Technology Corp HS4002 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
HS400x Datasheet
R36DS0022EU0103 Rev.1.03
Jun 6, 2022
Page 21
Figure 23. Read Sensor ID Command Sequence
5.
Application Circuit
Figure 24. HS400x Application Circuit (Top View)
6.
Soldering Information
This section discusses soldering considerations for the HS400x.
Standard reflow ovens can be used to solder the HS400x series sensor to the PCB. The peak temperature (Tp)
for use with the JEDEC J-STD-020D standard soldering profile is 260°C. For manual soldering, the contact time
must be limited to 5 seconds at up to 350°C. In either case, if solder paste is used, it is recommended to use ‘no-
clean’ solder paste to avoid the need to wash the PCB.
When a relative humidity sensor is exposed to the high heat associated with the soldering process, the sensor
element tends to dry out. To avoid an offset in the relative humidity readings, the sensor element must be
rehydrated after the soldering process. Care must also be taken when selecting the temperatures and durations
involved in the soldering process to avoid irreversibly damaging the sensor element.
The recommended soldering profile for a lead-free (RoHS-compliant) process is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com