Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU910 Datasheet(PDF) 4 Page - LETEX TECHNOLOGY CORP.

Part # LU910
Description  Photo DMOS-FET Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LU910 Datasheet(HTML) 4 Page - LETEX TECHNOLOGY CORP.

  LU910 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LU910 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LU910 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LU910 Datasheet HTML 4Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LU910
Rev.B
Letex Technology Corp.
Taping Specifications for Surface Mount Devices
Direction of feed
Label sticking position
Unit: mm
TYPE
B0±0.1
F0±0.1
W0±0.1
15"REEL/PCS
6P
9.4
7.5
16
1000
Unit : mm [inch]
Tolerance : ±0.1
Recommended Mounting Pad
(Top view)
Marking
(Each photo MOS Relay shall be marked
with the following information)
Weeks
Monthly
Year
RoHS
R293
Date Code
Part Name
Brand Name
LETEX
LU910
R293
1
6
2
5
3
4
Note: 1. There shall be leader of 230 mm minimum which may consist of carrier and or cover tape
follower by a minimum of 160 mm of carrier tape sealed with cover tape.
2. There shall be a minimum of 160 mm of empty component pockets sealed with cover tape.
3. Devices are pockets in accordance with EIA standard EIA-481-A and specifications given above.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com