Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DML3010LFDS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DML3010LFDS
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML3010LFDS Datasheet(HTML) 3 Page - Diodes Incorporated

  DML3010LFDS Datasheet HTML 1Page - Diodes Incorporated DML3010LFDS Datasheet HTML 2Page - Diodes Incorporated DML3010LFDS Datasheet HTML 3Page - Diodes Incorporated DML3010LFDS Datasheet HTML 4Page - Diodes Incorporated DML3010LFDS Datasheet HTML 5Page - Diodes Incorporated DML3010LFDS Datasheet HTML 6Page - Diodes Incorporated DML3010LFDS Datasheet HTML 7Page - Diodes Incorporated DML3010LFDS Datasheet HTML 8Page - Diodes Incorporated DML3010LFDS Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DML3010LFDS
Document number: DS44721 Rev. 4 - 2
3 of 12
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DML3010LFDS
Pin Description
Pin Number
Pin Name
Pin Function
1, 9
VIN
Drain of internal MOSFET, Pin 1 must connect to Pin 9
2
EN
Activ
e−high digital input used to turn on the MOSFET, pin has an internal pull down resistor to GND
3
VCC
Supply voltage to controller (3.0V to 5.5V)
4
GND
Controller ground
5
BLEED
Load bleed connection, must be tied to VOUT through a resistor ≤ 1k
Ω
6
PG
Acti
ve−high, open−drain output that indicates when the gate of the MOSFET is fully charged,
external pull up resistor
≥1kΩ to an external voltage source required; tie to GND if not used.
7, 8
VOUT
Source of internal MOSFET connected to load
Function Block Diagram
Thermal
Undervoltage
&
Short-Circuit
Protection
Control
Logic
Gate
Drive
Bandgap, Biases
&
Charge Pump
VCC
EN
PG
VIN
GND
BLEED
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com