Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DML3010LFDS-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DML3010LFDS-7
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML3010LFDS-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DML3010LFDS-7 Datasheet HTML 1Page - Diodes Incorporated DML3010LFDS-7 Datasheet HTML 2Page - Diodes Incorporated DML3010LFDS-7 Datasheet HTML 3Page - Diodes Incorporated DML3010LFDS-7 Datasheet HTML 4Page - Diodes Incorporated DML3010LFDS-7 Datasheet HTML 5Page - Diodes Incorporated DML3010LFDS-7 Datasheet HTML 6Page - Diodes Incorporated DML3010LFDS-7 Datasheet HTML 7Page - Diodes Incorporated DML3010LFDS-7 Datasheet HTML 8Page - Diodes Incorporated DML3010LFDS-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DML3010LFDS
Document number: DS44721 Rev. 4 - 2
2 of 12
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DML3010LFDS
Marking Information
Site 1
Site 2
Date Code Key
Year
2022
2023
2024
2025
2026
2027
2028
2029
2030
2031
2032
2033
Code
2
3
4
5
6
7
8
9
0
1
2
3
Week
1-26
27-52
53
Code
A-Z
a-z
z
Internal Code
Sun
Mon
Tue
Wed
Thu
Fri
Sat
Code
T
U
V
W
X
Y
Z
Typical Application Circuit
DML3010
VOUT
VOUT
PG
BLEE
D
VIN
EN
VCC
GND
VVIN
OF
F
ON
VVCc
VVOUT
RBLEED
100Ω
RPG
100kΩ
CVOUT
0.1uF
CVCC
1uF
CVIN
1uF
VIN
1
2
3
4
5
6
7
8
9
VTERM
DML3010LFDS
BLEED
LS310 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 22 = 2022)
WW = Week Code (01 to 53)
LS310
V-DFN2020-8 (Type N)
V-DFN2020-8 (Type N)
LS310
LS310 = Product Type Marking Code
YWX = Date Code Marking
Y = Year (ex: 2 = 2022)
W = Week (ex: a = Week 27; z Represents Week 52 and 53)
X = Internal Code (ex: U = Monday)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com