Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P25Q64U Datasheet(PDF) 46 Page - Puya Semiconductor Co., Ltd.

Part # P25Q64U
Description  Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q64U Datasheet(HTML) 46 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q64U Datasheet HTML 42Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 43Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 44Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 45Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 46Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 47Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 48Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 49Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 50Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 97 page
background image
P25Q64U Datasheet
Puya Semiconductor
Page 46 of 97
10.19 Burst Read
The Set Burst with Wrap command is used in conjunction with “4 X IO Read” command to access a fixed length
of 8/16/32/64-byte section within a 256-byte page, in standard SPI mode.
The Set Burst with Wrap command sequence: CS# goes low
→ Send Set Burst with Wrap command → Send
24 dummy bits
→ Send 8 bits “Wrap bits” → CS# goes high.
W6,W5
W4=0
W4=1 (default)
Wrap Aroud
Wrap Length
Wrap Aroud
Wrap Length
0,0
Yes
8-byte
No
N/A
0,1
Yes
16-byte
No
N/A
1,0
Yes
32-byte
No
N/A
1,1
Yes
64-byte
No
N/A
If the W6-
W4 bits are set by the Set Burst with Wrap command, all the following “4 X IO Read” command will
use the W6-W4 setting to access the 8/16/32/64-
byte section within any page. To exit the “Wrap Around”
function and return to normal read operation, another Set Burst with Wrap command should be issued to set
W4=1.
Figure 10-19 Burst Read (SBL) Sequence (Command 77)
Command
0
1
2
3
4
5
6
7
77H
CS#
SCLK
SI(IO0)
SO(IO1)
8
9
10 11 12 13 14 15
X
X
X
X
X
X
4
X
X
X
X
X
X
X
5
X
W6-W4
X
X
X
X
X
X
6
X
X
X
X
X
X
X
X
X
WP#(IO2)
HOLD#(IO3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com