Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC1908DE-21 Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part # PC1908DE-21
Description  DROP-IN CIRCULATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

PC1908DE-21 Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

  PC1908DE-21 Datasheet HTML 1Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1860 Hartog Drive, San Jose, California 95131 USA
Tel: 001-408-436-7720
Fax: 001-408-436-7689
Email: Sales@premierdevices.com
Leffelholzstr. 20, D-90441, Nurnberg, Germany
Tel: +49(0)911/9411 233
Fax: +49(0)911/9411 198
Email: Sales.germany@premierdevices.com
2/1-2F, No.99 Lane 2535 Gudai Rd, Shanghai, China PC 201100
Tel: (86)21-5416-8648
Fax: (86)21-5416-8753
Email: Sales.china@premierdevices.com
PC1908DE-21
Features
DROP-IN CIRCULATOR
•
Low Cost
•
Industry Standard 0.75 Inch Drop-in package
•
Designed for Wireless Telecom Systems
•
50 Ohms Characteristic Impedance
Description
The PC1908DE-21 is a small low cost drop-in circulator designed
for applications in high performance linear power amplifiers for
wireless base stations. These circulators feature a robust
construction for high reliability with excellent IMD performance.
CCW rotation and special tab offsets available on request.
S-Parameters are also available on request.
Specifications
Absolute Maximum Ratings
Note: Typical values represent Mid-band performance @ 25°C.
Schematic
Package
Pin Functions
Typical Test Data – Insertion Loss
Typical Test Data – Return Loss and Isolation
Specifications and information on this data sheet are subject to change without notice.
Parameter
Minimum
Typical
Maximum
Frequency Range (MHz)
1895
1920
Insertion Loss (dB)
<. 17
.30
Isolation (dB)
20
>28
Return Loss (dB)
20
>28
IMD (dBc) 2T x 37.5 Watts
-70
-75
Parameter
Maximum
Power
100 Watts CW
Operating Temperature
-40 to +85 °C
Storage Temperature
-40 to +85 °C
Function
Pin
INPUT
1
OUTPUT
2
TERMINATED
3
.75
.25
MAX.
.75
Insertion Loss
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
1865
1885
1905
1925
1945
Frequency (MHz)
dB
S21
Return Loss and Isolation
-40
-35
-30
-25
-20
1865
1885
1905
1925
1945
Frequency (MHz)
dB
S11
S22
S12


Similar Part No. - PC1908DE-21

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
PC1908DE-21H PDI-PC1908DE-21H Datasheet
86Kb / 1P
DROP-IN CIRCULATOR
More results

Similar Description - PC1908DE-21

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
PC0882DG-21H PDI-PC0882DG-21H Datasheet
81Kb / 1P
DROP-IN CIRCULATOR
PC0943DG-21 PDI-PC0943DG-21 Datasheet
60Kb / 1P
DROP-IN CIRCULATOR
PC1843DE-21 PDI-PC1843DE-21 Datasheet
64Kb / 1P
DROP-IN CIRCULATOR
PC1843DG-21 PDI-PC1843DG-21 Datasheet
61Kb / 1P
DROP-IN CIRCULATOR
PC1843DG-21H PDI-PC1843DG-21H Datasheet
81Kb / 1P
DROP-IN CIRCULATOR
PC1908DE-21H PDI-PC1908DE-21H Datasheet
86Kb / 1P
DROP-IN CIRCULATOR
PC1960DE-21 PDI-PC1960DE-21 Datasheet
64Kb / 1P
DROP-IN CIRCULATOR
PC1960DE-21H PDI-PC1960DE-21H Datasheet
85Kb / 1P
DROP-IN CIRCULATOR
PC1960DG-21H PDI-PC1960DG-21H Datasheet
79Kb / 1P
DROP-IN CIRCULATOR
PC2150DG-21 PDI-PC2150DG-21 Datasheet
59Kb / 1P
DROP-IN CIRCULATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com